Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RLZS-2012 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # RLZS-2012
Description  Power dissipation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLZS-2012 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  RLZS-2012 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLZS-2012 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLZS-2012 Datasheet HTML 3Page - Roithner LaserTechnik GmbH RLZS-2012 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4
RELIABILITY
4.1 Test Item and Result
Test Item
Test Condition
Result
Consecutive operating
lifetime test
If=20mA / DC, Ta=25℃, t=1,000hours
0/18
High temperature
storage lifetime test
Ta=85℃, t=1,000hours
0/18
Temperature humidity
storage lifetime test
Ta=60℃, RH=90%, t=1,000hours
0/18
Reflow heat test
T=240℃(Max), t=10sec.
Reflow soldering
0/18
Note)
・The reliability guarantee criterion is defined by MIL-S-19500H. The data shows LTPD is 15%.
4.2 Criteria For Judging The Damage
Criteria for Judgement
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
Vf
If=20mA
-
U.S.L.x1.1
Luminous Intensity
Iv
If=20mA
L.S.L.x0.5
-
Note)
・U.S.L.: Upper Standard Level., L.S.L: Lower Standard Level.
5
CAUTIONS
Care should be taken after due consideration when using LEDs.
5.1 Storage
Store at room temperature (25±3℃) and under low humidity (RH lower than 50%).
5.2 Static Electricity
Static electricity or surge voltage damages the LEDs. It is recommended to use a wristband or
an anti-electrostatic glove when handling the LEDs.
5.3 Soldering Conditions
Reflow soldering should be performed at the peak temperature under 240℃ and less than 10
seconds.
Hand repair soldering should be performed at temperatures under 300℃ and less than 3
seconds. (one time only)
5.4 Cleaning
It is recommended to use isopropyl alcohol as a solvent for cleaning the LEDs. When using
other solvents, it should be confirmed before hand whether the solvents dissolve the resin or
not. Freon solvent should not be used to clean the LEDs because of worldwide regulations.
Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of
ultrasonic cleaning on the LEDs depends on the factors such as ultrasonic power and the
assembled condition. Before cleaning pre-test should be done to confirm will not cause any
damage to the LEDs.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com