Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LC75813E-E Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC75813E-E
Description  Duty General-Purpose LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813E-E Datasheet(HTML) 5 Page - ON Semiconductor

  LC75813E-E Datasheet HTML 1Page - ON Semiconductor LC75813E-E Datasheet HTML 2Page - ON Semiconductor LC75813E-E Datasheet HTML 3Page - ON Semiconductor LC75813E-E Datasheet HTML 4Page - ON Semiconductor LC75813E-E Datasheet HTML 5Page - ON Semiconductor LC75813E-E Datasheet HTML 6Page - ON Semiconductor LC75813E-E Datasheet HTML 7Page - ON Semiconductor LC75813E-E Datasheet HTML 8Page - ON Semiconductor LC75813E-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Pin Functions
Page 5
LC75813E, 75813T
Symbol
Pin No.
Function
Active
I/O
Handling
LC75813E
LC75813T
when unused
3 to 10
11 to 88
1 to 8
9 to 86
92 to 90
89
90 to 88
87
98
96
100
98
1
2
100
99
99
97
95
93
96
94
93
91
94
92
S1/P1 to S8/P8
S9 to S86
COM1 to COM3
COM4/S87
OSC
CE
CL
DI
INH
VLCD1
VLCD2
VDD
VLCD
Segment outputs for displaying the display data transferred by serial data
input. The pins S1/P1 to S8/P8 can be used as general-purpose output
ports when so set up by the control data.
Common driver outputs.
The frame frequency is fO Hz.
The COM4/S87 pin can be used as a segment output in 1/3 duty.
Oscillator connection.
An oscillator circuit is formed by connecting an external resistor and
capacitor to this pin.
Serial data transfer inputs. These pins are connected to the control
microprocessor.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
Display off control input
• INH = low (VSS) ....Off
S1/P1 to S8/P8 = low (VSS)
(These pins are forcibly set to the segment output port
function and fixed at the VSS level.)
S9 to S86 = low (VSS)
COM1 to COM3 = low (VSS)
COM4/S87 = low (VSS)
• INH = high (VDD) ..On
Note that serial data transfers can be performed when the display is forced
off by this pin.
Used to apply the LCD drive 2/3 bias voltage externally. This pin must be
connected to VLCD2 when 1/2 bias drive is used.
Used to apply the LCD drive 1/3 bias voltage externally. This pin must be
connected to VLCD1 when 1/2 bias drive is used.
Logic block power supply. Provide a voltage in the range 2.7 to 6.0 V.
LCD driver block power supply. Provide a voltage in the range 2.7 to 6.0 V.
H
L
O
O
I/O
I
I
I
I
I
I
Open
Open
VDD
GND
GND
Open
Open
97
95
VSS
Ground pin. Connect to ground.
VSS
VDD
S82
S79
S83
S84
COM2
VLCD
S34
S39
S44
S80
LC75813E
(QFP100E)
S81
S85
S86
COM3
S87/COM4
COM1
VLCD1
VLCD2
OSC
INH
S33
S32
S31
S30
S29
CE
51
80
50
81
31
100
30
1
S38
S37
S36
S35
S43
S42
S41
S40
S48
S47
S46
S45
VDD
S86
S84
S76
S77
S79
S78
S80
LC75813T
(TQFP100)
S81
S82
S83
S85
S87/COM4
COM3
COM1
COM2
VLCD
VLCD1
VSS
VLCD2
OSC
CE
INH
CL
S35
S34
S33
S32
S31
S29
S30
S27
S28
S26
DI
51
75
50
76
26
100
25
1
S40
S39
S38
S37
S36
S45
S44
S43
S42
S41
S50
S49
S48
S47
S46
Top view
Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com