Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LED810-02AU Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED810-02AU
Description  Infrared LED Lamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED810-02AU Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED810-02AU Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED810-02AU Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED810-02AU Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED810-02AU Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED810-02AU Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED810-02AU Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED810-02AU Datasheet HTML 7Page - Roithner LaserTechnik GmbH LED810-02AU Datasheet HTML 8Page - Roithner LaserTechnik GmbH LED810-02AU Datasheet HTML 9Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
18.08.2010
led810_xxau.doc
2 of 9
● Characteristics of Radiant Intensity [Ta=25°C]
Radiant Intensity IF= 50mA [mW/sr]
Type
Viewing
Half Angle
Minimum
Typical
Maximum
Outer
Dimension
Dimension
Figure
LED810-
01AU
± 10°
100
Ø 5
1
LED810-
02AU
± 7°
100
Ø 5
2
LED810-
03AU
± 10°
100
Ø 5
3
LED810-
04AU
± 20°
48
Ø 5
4
LED810-
05AU
± 40°
10
Ø 5
5
LED810-
06AU
± 7°
170
Ø 5
6
± 25°
(Long)
Ø 5
LED810-
09AU
± 15°
(Short)
80
Oval
7
LED810-
46AU
Ø 5
8
LED810-
41AU
± 16°
60
Ø 4
9
LED810-
42AU
± 23°
35
Ø 4
10
LED810-
31AU
Ø 3
11
LED810-
33AU
± 18°
40
Ø 3
12
LED810-
34AU
Ø 3
13
LED810-
36AU
± 33°
25
Ø 3
14
► Total Radiated Power is measured by Photodyne # 500.
► Brightness is measured by Tektronix J-16.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com