Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LGQ396 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LGQ396
Description  Information Displays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGQ396 Datasheet(HTML) 1 Page - OSRAM GmbH

  LGQ396 Datasheet HTML 1Page - OSRAM GmbH LGQ396 Datasheet HTML 2Page - OSRAM GmbH LGQ396 Datasheet HTML 3Page - OSRAM GmbH LGQ396 Datasheet HTML 4Page - OSRAM GmbH LGQ396 Datasheet HTML 5Page - OSRAM GmbH LGQ396 Datasheet HTML 6Page - OSRAM GmbH LGQ396 Datasheet HTML 7Page - OSRAM GmbH LGQ396 Datasheet HTML 8Page - OSRAM GmbH LGQ396 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2015-06-12
1
2015-06-12
CHIPLED 0603
Datasheet
Version 1.1
LG Q396
Features:
Besondere Merkmale:
•
Package: SMT package 0603, colorless diffused
resin
•
Gehäusetyp: SMT Gehäuse 0603, farbloser
diffuser Verguss
•
Technology: InGaAlP
•
Technologie: InGaAlP
•
Viewing angle at 50 % IV: 150° (horizontal); 120°
(vertical)
•
Abstrahlwinkel bei 50 % IV: 150° (horizontal);
120° (vertical)
•
Color: green (573 nm)
•
Farbe: grün (573 nm)
Applications
Anwendungen
•
Information Displays
•
Informationsanzeigen
•
Optical Indicator
•
Optischer Indikator
•
Pushbuttons and Switches
•
Schalter und Taster


Similar Part No. - LGQ396

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGQ396-PS-35 OSRAM-LGQ396-PS-35 Datasheet
1Mb / 20P
SMT package 0603, colorless diffused resin
More results

Similar Description - LGQ396

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOM67K OSRAM-LOM67K Datasheet
501Kb / 20P
Information Displays
LOT64F OSRAM-LOT64F Datasheet
2Mb / 24P
Information Displays
LPM67K OSRAM-LPM67K Datasheet
501Kb / 20P
Information Displays
LRT68F OSRAM-LRT68F Datasheet
545Kb / 22P
Information Displays
LYM67K OSRAM-LYM67K Datasheet
503Kb / 20P
Information Displays
LYQ396 OSRAM-LYQ396 Datasheet
1Mb / 20P
Information Displays
LYT64F OSRAM-LYT64F Datasheet
2Mb / 24P
Information Displays
LYT66F OSRAM-LYT66F Datasheet
706Kb / 23P
Information Displays
LYT68F OSRAM-LYT68F Datasheet
549Kb / 22P
Information Displays
LBT66G OSRAM-LBT66G Datasheet
2Mb / 23P
Information Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com