Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-550-12 Datasheet(PDF) 4 Page - CUI INC

Part # VOF-550-12
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-550-12 Datasheet(HTML) 4 Page - CUI INC

  VOF-550-12 Datasheet HTML 1Page - CUI INC VOF-550-12 Datasheet HTML 2Page - CUI INC VOF-550-12 Datasheet HTML 3Page - CUI INC VOF-550-12 Datasheet HTML 4Page - CUI INC VOF-550-12 Datasheet HTML 5Page - CUI INC VOF-550-12 Datasheet HTML 6Page - CUI INC VOF-550-12 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
date 09/01/2017
│ page 4 of 7
CUI Inc
│ SERIES: VOF-550 │ DESCRIPTION: AC-DC POWER SUPPLY
DERATING CURVES (CONTINUED)
All other Output Models
Output Power vs. Ambient Temperature
Ambient Temperature (°C)
-40 -30 -20 -10
0
10 20 30 40
50 60 70
0
Forced Air (21 CFM)
Natural Convection
50
100
150
200
250
300
350
400
450
500
Conduction
550
For more information, please visit the product page
|
If your application requires forced air, view our Dc Fans



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com