Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRY8SF Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRY8SF
Description  Signal and Symbol Luminary
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRY8SF Datasheet(HTML) 1 Page - OSRAM GmbH

  LRY8SF Datasheet HTML 1Page - OSRAM GmbH LRY8SF Datasheet HTML 2Page - OSRAM GmbH LRY8SF Datasheet HTML 3Page - OSRAM GmbH LRY8SF Datasheet HTML 4Page - OSRAM GmbH LRY8SF Datasheet HTML 5Page - OSRAM GmbH LRY8SF Datasheet HTML 6Page - OSRAM GmbH LRY8SF Datasheet HTML 7Page - OSRAM GmbH LRY8SF Datasheet HTML 8Page - OSRAM GmbH LRY8SF Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2014-10-16
1
2014-10-16
Micro SIDELED 3010
Datasheet
Version 1.2
LR Y8SF
Micro SIDELED is a SMT LED with side emission. Due
to its low package height it is ideal for applications in
limited space environments.
Micro SIDELED ist eine SMT LED mit seitlicher
Abstrahlrichtung. Aufgrund ihrer niedrigen
Bauteilhöhe ist sie ideal für Anwendungen mit
begrenztem Raum.
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Silikon-Verguss
• Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
• Color: red (625 nm)
•
Farbe: rot (625 nm)
• Optical efficiency (typ.): 53 lm/W (red)
•
Optischer Wirkungsgrad (typ.): 53 lm/W (rot)
Applications
Anwendungen
• Coupling into Light Guides
•
Einkopplung in Lichtleiter
• Backlighting
•
Hinterleuchtung
• Signal and Symbol Luminary
•
Signal- und Symbolleuchten


Similar Part No. - LRY8SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRY8SF OSRAM-LRY8SF Datasheet
976Kb / 22P
Electronic Equipment
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
976Kb / 22P
Electronic Equipment
LRY8SF OSRAM-LRY8SF_18 Datasheet
976Kb / 22P
Electronic Equipment
More results

Similar Description - LRY8SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBQH9G-N1OO-35-1 OSRAM-LBQH9G-N1OO-35-1 Datasheet
741Kb / 21P
Signal and Symbol Luminary
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
Signal and Symbol Luminary
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com