Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBR20200FCT Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # MBR20200FCT
Description  20.0A SCHOTTKY BARRIER RECTIFIERS 200V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR20200FCT Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  MBR20200FCT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR20200FCT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Instantaneous Reverse Leakage Current
- MicroAmperes versus
Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperes versus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
25
50
100
125
150
0
0
4
8
12
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
75
16
20
Figure 2
Typical Reverse Characteristics
Volts
1
100
4
0
25
50
75
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
610
20
60 80
40
100
125
150
Typical Forward Characteristics
Figure 1
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Amps
25°C
Volts
0 0.2
0.
4
0.
6
1.0
10
20
100
24
0.
81.0
2.0
5.0
50
TJ = 25°C
TJ = 125°C
TJ = 100°C
TJ = 150°C
1.0
0.1
10000
1000
100
10
0.01
80
0
20
40 60
100 120
160 180
140
200
uAmps
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR20200FCT
2
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com