Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE7AP1002-2 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7AP1002-2
Description  RF Fixed Attenuators Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7AP1002-2 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7AP1002-2 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7AP1002-2 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7AP1002-2 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7AP1002-2 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7AP1002-2 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• Bidirectional
• DC to 6 GHz Frequency Range
• Attenuation 2 ± 0.5 dB
• Max Power 2 Watts (CW)
• VSWR < 1.25:1
Applications
• Instrumentation
• Precision measurements
• Prototyping and characterization
• Production systems
.
Description
Pasternack carries a wide range of fixed attenuators with a broad selection of attenuation levels, frequency ranges, and power
dissipation ranges. RF microwave attenuators (also known as RF pads) lower the amplitude of a signal (attenuate) a known
amount and can be used in a wide variety of applications. These attenuator pads are used when a signal needs to be reduced
to protect measurement equipment or other circuitry, to extend the range of power meters and amplifiers, and to impedance
match circuits by reducing the VSWR seen by adjacent components. RF attenuators can prevent signal overload in amplifiers,
receivers and detectors, adjusting the signal level to a range that is optimal.
Few RF components are as commonly used as fixed coaxial attenuators, and Pasternack carries one of the largest in-stock
varieties and ships them same day. The 2 dB Fixed Attenuator PE7AP1002-2 is rated to 1 Watt and operates from DC to 6
GHz. The versatile coaxial package uses QMA male to QMA female connectors and is also REACH and RoHS compliant.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
Impedance
50
Ohms
Nominal Attenuation
2
dB
Input Power, CW
1
Watts
Input Power, Peak
100
Watts
1 µs, 1%
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 2
2 to 6
GHz
VSWR, Max
1.2:1
1.3:1
Attenuation Accuracy, Typ
±0.3
±0.5
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 dB Fixed Attenuator, QMA Male to QMA Female Rated to 1 Watt Up to 6 GHz PE7AP1002-2
PE7AP1002-2 REV 1.0
2 dB Fixed Attenuator, QMA Male to QMA
Female Rated to 1 Watt Up to 6 GHz
RF Fixed Attenuators Technical Data Sheet
PE7AP1002-2


Similar Part No. - PE7AP1002-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7AP1002-2 PASTERNACK-PE7AP1002-2 Datasheet
323Kb / 5P
2 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PE7AP1002-20 PASTERNACK-PE7AP1002-20 Datasheet
367Kb / 5P
RF Fixed Attenuators Technical Data Sheet
PE7AP1002-20 PASTERNACK-PE7AP1002-20 Datasheet
331Kb / 5P
20 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PE7AP1002-20 PASTERNACK-PE7AP1002-20_V01 Datasheet
331Kb / 5P
20 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PE7AP1002-2 PASTERNACK-PE7AP1002-2_V01 Datasheet
323Kb / 5P
2 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
More results

Similar Description - PE7AP1002-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A1010 PASTERNACK-PE70A1010 Datasheet
268Kb / 5P
RF Fixed Attenuators Technical Data Sheet
PE70A1013 PASTERNACK-PE70A1013 Datasheet
306Kb / 4P
RF Fixed Attenuators Technical Data Sheet
PE70A1014 PASTERNACK-PE70A1014 Datasheet
307Kb / 4P
RF Fixed Attenuators Technical Data Sheet
PE7AP1000-0 PASTERNACK-PE7AP1000-0 Datasheet
298Kb / 5P
RF Fixed Attenuators Technical Data Sheet
PE7AP1000-1 PASTERNACK-PE7AP1000-1 Datasheet
295Kb / 5P
RF Fixed Attenuators Technical Data Sheet
PE7AP1000-3 PASTERNACK-PE7AP1000-3 Datasheet
294Kb / 5P
RF Fixed Attenuators Technical Data Sheet
PE7AP1000-9 PASTERNACK-PE7AP1000-9 Datasheet
292Kb / 5P
RF Fixed Attenuators Technical Data Sheet
PE7AP1000-18 PASTERNACK-PE7AP1000-18 Datasheet
310Kb / 3P
RF Fixed Attenuators Technical Data Sheet
PE7AP1002-6 PASTERNACK-PE7AP1002-6 Datasheet
239Kb / 4P
RF Fixed Attenuators Technical Data Sheet
PE7AP1002-12 PASTERNACK-PE7AP1002-12 Datasheet
240Kb / 4P
RF Fixed Attenuators Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com