Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1012 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1012
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 3 Page - Linear Technology

  LT1012 Datasheet HTML 1Page - Linear Technology LT1012 Datasheet HTML 2Page - Linear Technology LT1012 Datasheet HTML 3Page - Linear Technology LT1012 Datasheet HTML 4Page - Linear Technology LT1012 Datasheet HTML 5Page - Linear Technology LT1012 Datasheet HTML 6Page - Linear Technology LT1012 Datasheet HTML 7Page - Linear Technology LT1012 Datasheet HTML 8Page - Linear Technology LT1012 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
sn1012 1012afbs
LT1012A/LT1012
VS = ± 15V, VCM = OV, TA = 25°C, unless otherwise noted.
LT1O12AM/AC/AI
LT1O12M/I
LT1O12C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
8
25
8
35
10
50
µV
(Note 3)
20
90
20
90
25
120
µV
Long Term lnput Offset
0.3
0.3
0.3
µV/month
Voltage Stability
IOS
Input Offset Current
15
100
15
100
20
150
pA
(Note 3)
25
150
25
150
30
200
pA
IB
Input Bias Current
±25
±100
±25
±100
±30
±150
pA
(Note 3)
±35
±150
±35
±150
±40 ±200
pA
en
Input Noise Voltage
0.1Hz to 10Hz
0.5
0.5
0.5
µVP-P
en
Input Noise Voltage Density
fO = 10Hz (Note 4)
17
30
17
30
17
30
nV
√Hz
fO = 1000Hz (Note 5)
14
22
14
22
14
22
nV
√Hz
in
Input Noise Current Density
fO = 10Hz
20
20
20
fA/
√Hz
AVOL
Large Signal Voltage Gain
VOUT = ±12V, RL ≥ 10kΩ
300
2000
300
2000
200
2000
V/mV
VOUT = ±10V, RL ≥ 2kΩ
300
1000
200
1000
200
1000
V/mV
CMRR
Common Mode Rejection
VCM = ±13.5V
114
132
114
132
110
132
dB
Ratio
PSRR
Power SuppIy Rejection Ratio VS = ±1.2V to ±20V
114
132
114
132
110
132
dB
Input Voltage Range
±13.5 ±14
±13.5 ±14
±13.5 ±14
V
VOUT
Output Voltage Swing
RL = 10kΩ±13
±14
±13
±14
±13
±14
V
Slew Rate
0.1
0.2
0.1
0.2
0.1
0.2
V/
µs
IS
Supply Current
370
500
380
380
µA
(Note 3)
380
600
380
600
380
600
µA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com