Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M54128 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54128
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54128 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54128 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54128 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54128 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54128 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54128 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54128 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M54128 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M54128 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M54128 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
EARTH LEAKAGE CURRENT DETECTOR
M54128L/FP
MITSUBISHI <CONTROL / DRIVER IC>
Power supply
Output pin of internal constant-voltage circuit. Connects to capacitor for decoupling.
Connects to resistor which sets constant current of each internal circuit. Approx. 1.3V.
Grounding
When in normal use, connect the pin to VCC pin. When the abnormal voltage detection function is not in use,
ground the pin. Circuit current can be reduced. Ground IBLI pin and TTDC pin also.
Input reference level pin of the leakage detection circuit. Approx. 2.7V.
Another input pin of the leakage detection circuit.
Connects to capacitor for integrating output signals of the leakage input signal level discriminator.
Connects to condeser for removing noise.
Logic function switching pin used when detecting leakage.
When the pin is grounded, SCRT operates with the logic flow of negative input
→ positive input →
negative input.
W
hen it is connected to VCC pin, SCRT operates with the logic flow of negative input
→ positive input.
This IC will be restored to the initial condition after the specified period if :
leakage input signal does not continue ; abnormal voltage input signal does not continue ; or
leakage/abnormal voltage is detected and SCR becomes ON.
The pin connects to capacitor for time settinng of this function.
Input pin of the abnormal voltage detection circuit.
Connects to capacitor for time setting of the abnormal voltage detection circuit.
Output pin for drive a SCR.
PIN FUNCTION DESCRIPTION
Function
Common
Leakage detection, abnormal voltage detection, SCR drive circuits
Pin No.
Pin name
LFP
1
3
4
5
6
7
8
9
10
11
12
14
13
2
8
10
11
9
7
6
5
4
3
12
1
2
13
14
VS
VCC
IREF
GND
PSAV
VREF
ILKI
TRC1
TRC2
PSEL
OFFC
IBLI
TTDC
SCRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com