Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE3TC0900-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3TC0900-24
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC0900-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3TC0900-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC0900-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC0900-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC0900-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC0900-24 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
5
10
20
40
67
GHz
Insertion Loss (Max.)
1.36
1.76
2.4
3.3
4.3
dB
Power Handling (Max.)
18
Watts
.
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Cable Assembly
Length
24 in [609.6 mm]
.
Cable
Cable Type
PE-VNA-HF
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
3
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Silver Plated Copper Braid
Shield Layer 3
Silver Plated Copper Braid
Jacket Diameter
0.27 in [6.86 mm]
.
One Time Minimum Bend Radius
1 in [25.4 mm]
Flat Plate Crush
317 lbs/in [5.66 Kg/mm]
Connectors
Description
Connector 1
Connector 2
Type
1.85mm Male
1.85mm Female
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
ULTEM
ULTEM
Outer Conductor Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Torque
8 in-lbs [0.9 Nm]
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
PE3TC0900-24 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Male to 1.85mm Female Precision Cable 24 Inch Length Using High Flex VNA Test
Coax, RoHS PE3TC0900-24
RF Cable Assemblies Technical Data Sheet
PE3TC0900-24
1.85mm Male to 1.85mm Female Precision Cable 24 Inch
Length Using High Flex VNA Test Coax, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com