Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z1K221-RK-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # Z1K221-RK-10
Description  Ferrite Chip Bead ??Z1 Large Current Application Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z1K221-RK-10 Datasheet(HTML) 2 Page - Superworld Electronics

  Z1K221-RK-10 Datasheet HTML 1Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 2Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 3Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 4Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ferrite Chip Bead – Z1 Large Current Application Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
10/01/2017
P2
5. General Specification
a) Operating Temperature: - 40°C to +125°C
(including self-temperature rise)
b) Storage Condition (component in its packaging)
i)
Temperature: Less than 40°C
ii) Humidity: 60% RH
6. Electrical Characteristics
Part No.
Impedance (Ω)
Test Frequency
(MHz)
DCR
(Ω) Max.
Rated Current
(mA) Max.
Z1M100-RM-10
10 ± 25%
100
0.05
2500
Z1K121-RL-10
120 ± 25%
100
0.095
2000
Z1K221-RK-10
220 ± 25%
100
0.15
1500
7. Characteristics Curves
Z1M100‐RM‐10 
Z1K121‐RL‐10
 
Z1K221‐RK‐10
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com