Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CCP-33SX0-R Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CCP-33SX0-R
Description  Latching SPDT Coaxial Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCP-33SX0-R Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

  CCP-33SX0-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCP-33SX0-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCP-33SX0-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCP-33SX0-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCP-33SX0-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCP-33SX0-R Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CCP-33S Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-33S\072013\Q3
Series CCP-33S
Low PIM, Miniature DC–3 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
LATCHING CCP-33S NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.PART NO.
1
CCP-33SXC
43
CCP-33SXD-N
85
CCP-33SXE-TNM
2
CCP-33SXC-D
44
CCP-33SXD-N
86
CCP-33SXE-TNMS
3
CCP-33SXC-DM
45
CCP-33SXD-NM
87
CCP-33SXE-TNS
4
CCP-33SXC-DMS
46
CCP-33SXD-NMS
88
CCP-33SX0
5
CCP-33SXC-DN
47
CCP-33SXD-NS
89
CCP-33SX0-D
6
CCP-33SXC-DNM
48
CCP-33SXD-R
90
CCP-33SX0-DM
7
CCP-33SXC-DNMS
49
CCP-33SXD-RM
91
CCP-33SX0-DMS
8
CCP-33SXC-DNS
50
CCP-33SXD-RMS
92
CCP-33SX0-DN
9
CCP-33SXC-DR
51
CCP-33SXD-RN
93
CCP-33SX0-DNM
10
CCP-33SXC-DRM
52
CCP-33SXD-RNM
94
CCP-33SX0-DNMS
11
CCP-33SXC-DRMS
53
CCP-33SXD-RNMS
95
CCP-33SX0-DNS
12
CCP-33SXC-DRN
54
CCP-33SXD-RNS
96
CCP-33SX0-DR
13
CCP-33SXC-DRNMS
55
CCP-33SXD-RS
97
CCP-33SX0-DRM
14
CCP-33SXC-DRNS
56
CCP-33SXD-S
98
CCP-33SX0-DRMS
15
CCP-33SXC-DRS
57
CCP-33SXD-T
99
CCP-33SX0-DRN
16
CCP-33SXC-DS
58
CCP-33SXD-TM
100
CCP-33SX0-DRNMS
17
CCP-33SXC-M
59
CCP-33SXD-TMS
101
CCP-33SX0-DRNS
18
CCP-33SXC-MS
60
CCP-33SXD-TN
102
CCP-33SX0-DRS
19
CCP-33SXC-N
61
CCP-33SXD-TNM
103
CCP-33SX0-DS
20
CCP-33SXC-NM
62
CCP-33SXD-TNMS
104
CCP-33SX0-M
21
CCP-33SXC-NMS
63
CCP-33SXD-TNS
105
CCP-33SX0-MS
22
CCP-33SXC-NS
64
CCP-33SXE
106
CCP-33SX0-N
23
CCP-33SXC-R
65
CCP-33SXE-M
107
CCP-33SX0-NM
24
CCP-33SXC-RM
66
CCP-33SXE-MS
108
CCP-33SX0-NMS
25
CCP-33SXC-RMS
67
CCP-33SXE-N
109
CCP-33SX0-NS
26
CCP-33SXC-RN
68
CCP-33SXE-N
110
CCP-33SX0-R
27
CCP-33SXC-RNM
69
CCP-33SXE-NM
111
CCP-33SX0-RM
28
CCP-33SXC-RNMS
70
CCP-33SXE-NMS
112
CCP-33SX0-RMS
29
CCP-33SXC-RNS
71
CCP-33SXE-NS
113
CCP-33SX0-RN
30
CCP-33SXC-RS
72
CCP-33SXE-R
114
CCP-33SX0-RNM
31
CCP-33SXC-S
73
CCP-33SXE-RM
115
CCP-33SX0-RNMS
32
CCP-33SXC-T
74
CCP-33SXE-RMS
116
CCP-33SX0-RNS
33
CCP-33SXC-TM
75
CCP-33SXE-RN
117
CCP-33SX0-RS
34
CCP-33SXC-TMS
76
CCP-33SXE-RNM
118
CCP-33SX0-S
35
CCP-33SXC-TN
77
CCP-33SXE-RNMS
119
CCP-33SX0-T
36
CCP-33SXC-TNM
78
CCP-33SXE-RNS
120
CCP-33SX0-TM
37
CCP-33SXC-TNMS
79
CCP-33SXE-RS
121
CCP-33SX0-TMS
38
CCP-33SXC-TNS
80
CCP-33SXE-S
122
CCP-33SX0-TN
39
CCP-33SXC-TS
81
CCP-33SXE-T
123
CCP-33SX0-TNM
40
CCP-33SXD
82
CCP-33SXE-TM
124
CCP-33SX0-TNMS
41
CCP-33SXD-M
83
CCP-33SXE-TMS
125
CCP-33SX0-TNS
42
CCP-33SXD-MS
84
CCP-33SXE-TN
126
CCP-33SX0-TS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com