Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KPDELPS1.FP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # KPDELPS1.FP
Description  Automotive Interior Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KPDELPS1.FP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button KPDELPS1.FP Datasheet HTML 4Page - OSRAM GmbH KPDELPS1.FP Datasheet HTML 5Page - OSRAM GmbH KPDELPS1.FP Datasheet HTML 6Page - OSRAM GmbH KPDELPS1.FP Datasheet HTML 7Page - OSRAM GmbH KPDELPS1.FP Datasheet HTML 8Page - OSRAM GmbH KPDELPS1.FP Datasheet HTML 9Page - OSRAM GmbH KPDELPS1.FP Datasheet HTML 10Page - OSRAM GmbH KPDELPS1.FP Datasheet HTML 11Page - OSRAM GmbH KPDELPS1.FP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
2017-06-06
8
Version 1.3
KP DELPS1.FP
Relative Spectral Emission - V(λ) = Standard eye response curve 6) page 22
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 6) Seite 22
Irel = f (λ); TS = 25 °C; IF = 10 mA
Radiation Characteristics 6) page 22
Abstrahlcharakteristik 6) Seite 22
Irel = f (ϕ); TS = 25 °C
KP DELPS1.FP
350
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,2
0,4
0,6
0,8
1,0
Φrel
: Vλ
: pure green
KP DELPS1.FP
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0
Irel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com