Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JCS80N10F Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS80N10F
Description  N-CHANNEL MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS80N10F Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS80N10F Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N10F Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
R
JCS80N10F
版本:201510C
5/11
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
0
2
4
6
8
10
0
40
80
120
160
200
VGS=8V
VGS=7V
VGS=6V
VGS=5V
V
GS
Top
12V
10V
8V
7V
6V
Bottom 5V
Notes:
1. 250μs pulse test
2. T
C=25
℃
V
DS
[V]
4
6
8
0.1
1
10
100
1000
Notes:
1.20μs pulse test
2.V
DS=15V
25℃
V
GS [V]
175℃
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
C
rss
C
oss
C
iss
C
iss = Cgs+Cgd (Cds=shorted)
C
oss = Cds+Cgd
C
rss = Cgd
V
DS Drain-Source Voltage [V]
0
2
4
6
8
10
12
0
30
60
90
120
V
DS=80V
I
D=40A
Q
g Toltal Gate Charge [nC]
Transfer Characteristics
On-Resistance Variation vs.
Drain Current and Gate Voltage
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
Capacitance Characteristics
Gate Charge Characteristics
On-Region Characteristics
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
GS=0V
25℃
175℃
V
S D [V]
5
10
15
20
25
0
4
8
12
16
20
40A
Notes:
250μs pulse test
V
GS [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com