Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE4236 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4236
Description  BNC Twinax Plug Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4236 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4236 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4236 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4236 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Twinax Plug Connector
• MIL-STD-348
• 78 Ohms
• Straight Body Geometry
• RG108, 78 Ohm Twinax Interface Type
• Clamp/Solder Attachment
Features
• Silver Plated Contact
• Contact plating according to QQ-S-365
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4236 78 ohm BNC Twinax plug connector with clamp/solder attachment for RG108 and 78 Ohm Twinax is
part of our full line of RF components available for same-day shipping.
Our 78 ohm BNC Twinax plug connector PE4236 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Operating Voltage (AC)
500
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
1.1 in [27.94 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.039 lbs [17.69 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Twinax Plug Connector Clamp/Solder Attachment for RG108, 78 Ohm Twinax PE4236
PE4236 REV 1.1
BNC Twinax Plug Connector Clamp/Solder
Attachment for RG108, 78 Ohm Twinax
RF Connectors Technical Data Sheet
PE4236


Similar Part No. - PE4236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4236 PASTERNACK-PE4236 Datasheet
328Kb / 2P
BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
logo
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
UltraCMOS SP4T RF Switch 50??000 MHz
PE423641MLAA-Z PSEMI-PE423641MLAA-Z Datasheet
340Kb / 11P
UltraCMOS SP4T RF Switch 50??000 MHz
logo
Pan Jit International I...
PE4236CS PANJIT-PE4236CS Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
PE4236CS_R1_00001 PANJIT-PE4236CS_R1_00001 Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
More results

Similar Description - PE4236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4236 PASTERNACK-PE4236 Datasheet
328Kb / 2P
BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4237 PASTERNACK-PE4237 Datasheet
221Kb / 2P
BNC Twinax Jack Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4024 PASTERNACK-PE4024_16 Datasheet
413Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4057 PASTERNACK-PE4057_16 Datasheet
408Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4084 PASTERNACK-PE4084_16 Datasheet
392Kb / 4P
BNC Male Connector Clamp/Solder Attachment
PE4204 PASTERNACK-PE4204_16 Datasheet
314Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4212 PASTERNACK-PE4212_16 Datasheet
403Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4234 PASTERNACK-PE4234_17 Datasheet
422Kb / 3P
BNC Twinax Plug Connector Crimp/Solder Attachment
PE4237 PASTERNACK-PE4237_16 Datasheet
319Kb / 3P
BNC Twinax Jack Connector Clamp/Solder Attachment
PE4324 PASTERNACK-PE4324_16 Datasheet
323Kb / 3P
BNC Twinax Jack Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com