Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

F14170 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # F14170
Description  Florence Lens array
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14170 Datasheet(HTML) 3 Page - Ledil, Inc.

  F14170 Datasheet HTML 1Page - Ledil, Inc. F14170 Datasheet HTML 2Page - Ledil, Inc. F14170 Datasheet HTML 3Page - Ledil, Inc. F14170 Datasheet HTML 4Page - Ledil, Inc. F14170 Datasheet HTML 5Page - Ledil, Inc. F14170 Datasheet HTML 6Page - Ledil, Inc. F14170 Datasheet HTML 7Page - Ledil, Inc. F14170 Datasheet HTML 8Page - Ledil, Inc. F14170 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
A
H
B
G
3
2
4
1
SCALE
1:1 WEIGHT
SHEET
1/1
SIZE
A3
DRAWING TITLE
F14170_FLORENCE-ZT25
PART NUMBER
F14170
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
F14170
FLORENCE-ZT25
PMMA
Typical setup
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
76 g
4
11
Front view
7.9
pos. pin
14.1
position pin
26
26
26
26
26
26
26
26
26
26
4.8
M4
screw
recommended
39
182
Bottom view
Wire outlet both sides
Led center
position
NOTE: INCOMPATIBLE WITH C14437_FLORENCE-PF-3R
B
286
Top view
A
4.8
8.85
(
)
Detail A
280
pcb
PCB
EXAMPLE
PCB Fortimo LED Line 1ft 3R (Hatchet)
Double asymmetric
light direction
1.5
1.5
Detail B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com