Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

F14304 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F14304
Description  Florence Lens
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14304 Datasheet(HTML) 1 Page - Ledil, Inc.

  F14304 Datasheet HTML 1Page - Ledil, Inc. F14304 Datasheet HTML 2Page - Ledil, Inc. F14304 Datasheet HTML 3Page - Ledil, Inc. F14304 Datasheet HTML 4Page - Ledil, Inc. F14304 Datasheet HTML 5Page - Ledil, Inc. F14304 Datasheet HTML 6Page - Ledil, Inc. F14304 Datasheet HTML 7Page - Ledil, Inc. F14304 Datasheet HTML 8Page - Ledil, Inc. F14304 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
PRODUCT DATASHEET
Florence series
last update 26/1/2017
DETAILS
Product Number
F14304_FLORENCE-1R-Z90
Family
Florence
Type
Lens
Color
clear
Diameter
19,5 x 286 mm
Height
7 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
clips
Status
production ready
ROHS Compliant
Yes
Date Updated
26/01/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
L0-280024-xxx-C0800-L267
88+106 deg
WWW-class 92 %
0.400
-
XH-B/G
97+117 deg
WWW-class 90 %
0.350
-
LUXEON 3535 2D
92+110 deg
WWW-class 93 %
0.390
-
LUXEON 3030 2D
88+108 deg
WWW-class 92 %
0.420
-
LUXEON 3014
91+109 deg
WWW-class 94 %
0.420
-
LUXEON 3535L
92+109 deg
WWW-class 94 %
0.410
-
LUXEON 3020
89+108 deg
WWW-class 94 %
0.430
-
MP-2016
89+108 deg
WWW-class 93 %
0.420
-
NF2x757D
90+110 deg
WWW-class 93 %
0.400
-
NF2x757G
90+108 deg
WWW-class 92 %
0.400
-
Duris S5 (2 chip)
90+113 deg
WWW-class 94 %
0.400
-
Duris E 2835
sim: 94+106
WWW-class sim: 93 % sim: 0.390 -
Fortimo LED Line 1ft 1100lm xx0 1R xV2/xV3
90+110 deg
WWW-class 94 %
0.410
-
Fortimo LED Line 1ft 1100lm xx0 1R xV2/xV3
NULL deg
WWW-class -
-
-
Fortimo LED Line 1ft 1100lm xx0 1R xV2/xV3
NULL deg
WWW-class -
-
-
LM302A
90+108 deg
WWW-class 93 %
0.410
-
LM561B
91+109 deg
WWW-class 93 %
0.390
-
LM301A
89+109 deg
WWW-class 94 %
0.430
-
LT-S282N
91+109 deg
WWW-class 94 %
0.420
-
LM561C
90+110 deg
WWW-class 94 %
0.420
-
LM28xB Series
91+111 deg
WWW-class 94 %
0.420
-
SEOUL 3030
90+109 deg
WWW-class 92 %
0.410
-
SunLike 3030
103+86 deg
WWW-class 94 %
0.430
-
CALGD0414-M8W1
89+115 deg
WWW-class 93 %
0.380
-
CALGD0814-M17W1
90+114 deg
WWW-class 93 %
0.380
-
January 24th 2018 2:12 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F14304

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
F14304 CREE-F14304 Datasheet
2Mb / 47P
Florence series
More results

Similar Description - F14304

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14454 LEDIL-C14454 Datasheet
2Mb / 41P
Florence Lens
C14530 LEDIL-C14530 Datasheet
2Mb / 45P
Florence Lens
C14642 LEDIL-C14642 Datasheet
2Mb / 51P
Florence Lens
F13853 LEDIL-F13853 Datasheet
3Mb / 66P
Florence Lens array
F14112 LEDIL-F14112 Datasheet
4Mb / 66P
Florence Lens
F14170 LEDIL-F14170 Datasheet
4Mb / 58P
Florence Lens array
F15244 LEDIL-F15244 Datasheet
1Mb / 11P
Florence Lens array
F16007 LEDIL-F16007 Datasheet
1Mb / 12P
Florence Lens array
F16261 LEDIL-F16261 Datasheet
1Mb / 10P
Florence Lens array
F15069 LEDIL-F15069 Datasheet
1Mb / 25P
Florence Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com