Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VTCT75-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # VTCT75-4
Description  TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

VTCT75-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  VTCT75-4 Datasheet HTML 1Page - Advanced Crystal Technology VTCT75-4 Datasheet HTML 2Page - Advanced Crystal Technology VTCT75-4 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(V)TCT75‐4 Series (MHz)
REACH and RoHS compliant
MHz range frequency
From ±0.5ppm stability over  0°C ~ +50°C 
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range 
F_nom  1.25MHz ~ 40.0MHz
 
 Supply voltage
Vcc   2.5V, 3.0V, 3.3V, 5.0V
 
 Initial frequency tolerance  
F_tol  ±2.0ppm  At +25°C±2°C
 Frequency stability 
 vs Temperature
F_stb  ±0.5ppm ~ ±3.0ppm
 Table 1
 vs Load
F_load  ±0.3ppm max
 ±10% load condition change
 vs Voltage
F_Vcc  ±0.3ppm max
 ±5% input voltage change
 vs Aging
F_age  ±1.0ppm/year max
 At +25°C
 vs Reflow
 ±1.0ppm/year max
 1 reflow and measured after 24hrs
 Operating temperature range (°C)
Topr  0°C ~ +50°C to ‐40°C ~ +85°C
 Table 1
 Storage temperature (°C)
Tstg  ‐55°C ~ +125°C
 Output waveform
 HCMOS/TTL
 Output voltage high
Voh   90% Vcc min
 Output voltage low
Vol  10% Vcc max
 Output load
 15pF
 Current consumption 
Icc  10mA (2.5V), 13mA(3.0V, 3.3V), 27mA(5.0V)      Max Over operating temperature range
 Rise and fall time
Tr, Tf  10ns max
 20% to 80% of waveform
 Duty cycle
SYM  45%/55%, 40%/60%
 Measured at 50% Vcc
 Start‐up time
T_str  5.0m sec (typical), 10.0m sec. (Max)
 Reach 90% amplitude at +25°C±2°C
 VC‐TCXO option only
 Control voltage
 Vc  1.5V ± 1.0V
 For all supply voltages
 Frequency tuning (ppm)
 ±5.0ppm min
 Linearity/Slope polarity
 ±10.0% max/Positive slope
 Positive voltage for positive frequency  shift 
 Input impedance  50.0MΩ min
 Modulation bandwidth  20.0kHz min
 Table 1. Frequency Stability vs Temperature
 Temp. (°C)
 Stability in ppm
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
   0°C to 50°C 
√
√√√√√
‐10°C to 60°C 
Enq.
√√√√√
‐20°C to 70°C 
X
√√√√√
‐30°C to 75°C 
X
√√√√√
‐30°C to 85°C 
X
√√√√√
‐40°C to 85°C 
X
Enq.
√√√√
      Phase Noise (10.0MHz example)             dBc/Hz typical
10Hz
‐96
100Hz
‐122
1kHz
‐138
10kHz
‐145
100kHz
‐150
Pad 1 : Control voltage (VCTCXO). No connection(TCXO)
Pad 2 : Ground
Pad 3 : Output
Pad 4 : Supply Voltage
TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
7.5
1.4
5.08
2.2
5.08
Top view
Bottom view
Land pattern
1
2
3
4
4
1
2
3
Dimensions (Unit:mm)
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification


Similar Part No. - VTCT75-4

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTC--6368L5 CPI-VTC--6368L5 Datasheet
96Kb / 1P
2.25 kW Peak, 1.2 kW Avg C-Band Helix TWT Series
logo
Allied Components Inter...
VTC-4486 ALLIED-VTC-4486 Datasheet
618Kb / 1P
Vertical Toroidal Chokes
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
5.2 to 5.9 GHz
VTC-6164H4 CPI-VTC-6164H4 Datasheet
88Kb / 1P
VTC-6161H4, 75 W, C-Band Helix TWT
VTC-6260E4 CPI-VTC-6260E4 Datasheet
105Kb / 1P
Helix TWT
More results

Similar Description - VTCT75-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA62320CV ETC2-TA62320CV Datasheet
70Kb / 1P
HCMOS/TTL (VC) TCXO Oscillator
logo
Advanced Crystal Techno...
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCT53-4 ACT-TCT53-4 Datasheet
727Kb / 3P
TCXO/VC-TCXO, 5.0 x 3.2mm, HCMOS/TTL
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TPL75 ACT-TPL75 Datasheet
2Mb / 3P
TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
25042016
TDLV75 ACT-TDLV75 Datasheet
866Kb / 3P
TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com