Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PHS07-H1B10KE2006 Datasheet(PDF) 2 Page - TT Electronics.

Part # PHS07-H1B10KE2006
Description  High accuracy and long life over 1 million cycles
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PHS07-H1B10KE2006 Datasheet(HTML) 2 Page - TT Electronics.

  PHS07-H1B10KE2006 Datasheet HTML 1Page - TT Electronics. PHS07-H1B10KE2006 Datasheet HTML 2Page - TT Electronics. PHS07-H1B10KE2006 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rotary Position Sensor
PHS07
© TT electronics plc
Issue A
02/2017
Page 2
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA USA 92835-1053 |Ph: +1 714-447-2300
www.ttelectronics.com | sensors@ttelectronics.com
How to Order
PHS07-
H
1
B
5K
E180
1
Model Series
Terminal Configuration
V—side adjust, PC pins
H—top adjust, PC pins
Terminal Length
1—2.1 mm, top adjust
2—6.4 mm, top adjust
3—9.5 mm, top adjust
1—11.8 mm, side adjust
Resistance Taper
Total Resistance
1K, 2K, 5K, 10K, 20K, 50K, 100K, 200K, 500K, 1MEG
Electrical Angle Code
180°, 200°, 220°, 280°, 300°, 310°
Operation Life
Blank—std. life w/o anti-sulfur
1—std. life w/ anti-sulfur
6—long life w/ anti-sulfur
7—long life w/o anti-sulfur



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com