Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KWHLL531.TE Datasheet(PDF) 5 Page - OSRAM GmbH

Part # KWHLL531.TE
Description  Automotive Headlamp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWHLL531.TE Datasheet(HTML) 5 Page - OSRAM GmbH

  KWHLL531.TE Datasheet HTML 1Page - OSRAM GmbH KWHLL531.TE Datasheet HTML 2Page - OSRAM GmbH KWHLL531.TE Datasheet HTML 3Page - OSRAM GmbH KWHLL531.TE Datasheet HTML 4Page - OSRAM GmbH KWHLL531.TE Datasheet HTML 5Page - OSRAM GmbH KWHLL531.TE Datasheet HTML 6Page - OSRAM GmbH KWHLL531.TE Datasheet HTML 7Page - OSRAM GmbH KWHLL531.TE Datasheet HTML 8Page - OSRAM GmbH KWHLL531.TE Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 1.1
KW HLL531.TE
2017-07-03
5
Characteristics (TS = 25 °C; IF = 1000 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 23
Farbkoordinaten nach CIE 1931 2) Seite 23
(typ.)
(typ.)
Cx
Cy
0.322
0.334
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage
3) page 23
Durchlassspannung 3) Seite 23
(min.)
(typ.)
(max.)
VF
VF
V
F
13.55
15.10
18.60
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Radiating surface
Abstrahlende Fläche
(typ.)
Acolor
5,5
mm²
Chip to chip contrast
Chip zu Chip Kontrast
(typ.)
-
1:200
-
Real thermal resistance junction / solder point
4) page 23
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 23
(typ.)
(max.)
Rth JS real
R
th JS real
0.9
1.1
K/W
K/W
"Electrical" thermal resistance junction / solder point
4) page 23
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 4) Seite 23
(with efficiency η
e = 30 %)
(typ.)
(max.)
Rth JS el
Rth JS el
0.6
0.8
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com