Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE3264 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3264
Description  BNC Male to BNC Male Cable Using RG8X Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3264 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3264 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3264 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3264 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3264 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: BNC Male
• Connector 2: BNC Male
• Cable Type: RG8X
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.5:1
Capacitance
26 [85.3]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
400
1,000
MHz
dB/m
Insertion Loss (Typ.)
0.08
0.13
dB/ft
0.26
0.43
dB/m
Power Handling (Max.)
110
60
Watts
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as .05dB x SQRT (Frequency
GHz) per connector.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male to BNC Male Cable Using RG8X Coax, RoHS PE3264
PE3264 REV 1.0
BNC Male to BNC Male Cable Using RG8X Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3264


Similar Part No. - PE3264

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3264-12 PASTERNACK-PE3264-12 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 12 Inch Length Using RG8X Coax
PE3264-24 PASTERNACK-PE3264-24 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 24 Inch Length Using RG8X Coax
PE3264-36 PASTERNACK-PE3264-36 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 36 Inch Length Using RG8X Coax
PE3264-48 PASTERNACK-PE3264-48 Datasheet
374Kb / 4P
BNC Male to BNC Male Cable 48 Inch Length Using RG8X Coax
PE3264-60 PASTERNACK-PE3264-60 Datasheet
374Kb / 4P
BNC Male to BNC Male Cable 60 Inch Length Using RG8X Coax
More results

Similar Description - PE3264

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3264-12 PASTERNACK-PE3264-12 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 12 Inch Length Using RG8X Coax
PE3264-24 PASTERNACK-PE3264-24 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 24 Inch Length Using RG8X Coax
PE3264-36 PASTERNACK-PE3264-36 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 36 Inch Length Using RG8X Coax
PE3264-48 PASTERNACK-PE3264-48 Datasheet
374Kb / 4P
BNC Male to BNC Male Cable 48 Inch Length Using RG8X Coax
PE3264-60 PASTERNACK-PE3264-60 Datasheet
374Kb / 4P
BNC Male to BNC Male Cable 60 Inch Length Using RG8X Coax
PE3C0054 PASTERNACK-PE3C0054 Datasheet
337Kb / 3P
BNC Male to BNC Male Cable Using LMR-195 Coax
PE3C2034 PASTERNACK-PE3C2034 Datasheet
363Kb / 4P
BNC Male to BNC Male Cable Using RG188 Coax
PE3C2295 PASTERNACK-PE3C2295 Datasheet
365Kb / 4P
BNC Male to BNC Male Cable Using RG174 Coax
PE3C2416 PASTERNACK-PE3C2416 Datasheet
376Kb / 4P
BNC Male to BNC Male Cable Using RG316 Coax
PE3C3391 PASTERNACK-PE3C3391 Datasheet
365Kb / 4P
BNC Male to BNC Male Right Angle Cable Using RG316 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com