Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAIC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PSAIC Datasheet

  • # Example questions: ➢ What type of over-voltage protection is implemented in the psaic series, and what is the hiccup mode used for in the over-power and short circuit protection?
    ➢ What is the operating temperature range for the psaic series power supplies, and does it require derating? if so, what are the considerations?
    ➢ What safety approvals apply to each type, and what is the key difference between them?

  • Part No.PSAIC
    ManufacturerWALL
    Size413 Kbytes
    Pages4 pages
    Description3 Watt AC/DC Switching Power Supplies
    Datasheet Summary with AI

    # PSAIC Series 3W AC/DC Switching Power Supplies

    ## Features
    ️· RoHS Compliant
    ️· Isolation Class II
    ️· 3 Watts Output Power
    ️· Single Outputs
    ️· Low Output Ripple & Noise
    ️· UL/cUL and CE Approvals
    ️· Fully Encapsulated Plastic Case
    ️· PCB Mounting
    ️· Universal Input: 90-264VAC (120-370VDC)
    ️· No Load Power Consumption < 0.3W
    ️· Short Circuit, Over Power, and Over Voltage Protection
    ️· Operating Temperature: -40°C to +85°C

    ## Description
    ️· Dimensions: 1.41 x 0.75 x 0.86 inches (35.7 x 19.0 x 22.0 mm)
    ️· Encapsulated PCB mountable package.
    ️· Two mechanical options available: A type and B type packages.

    ## Model Selection Table

    Model Number Output Voltage Output Current Output Power Ripple & Noise Efficiency Max Capacitive Load
    PSAIC-3.3Sx 3.3 VDC 900mA 2.97W < 250mVp-p 69% 14000μF
    PSAIC-5Sx 5 VDC 600mA 3W < 200mVp-p 71% 8000μF
    PSAIC-9Sx 9 VDC 333mA 3W < 150mVp-p 76% 3200μF
    PSAIC-12Sx 12 VDC 250mA 3W < 100mVp-p 76% 1500μF
    PSAIC-15Sx 15 VDC 200mA 3W < 100mVp-p 76% 1000μF
    PSAIC-24Sx 24 VDC 125mA 3W < 100mVp-p 77% 470μF

    *Note:* The "x" in the model number indicates package type: “A” or “B”.

    ## Specifications
    ️· Input Voltage: 90-264VAC / 120-370VDC
    ️· Input Frequency: 47-63 Hz
    ️· Efficiency: Varies by model (See table)
    ️· Switching Frequency: 124-140 kHz
    ️· Isolation Voltage: 3750 VAC
    ️· Operating Temperature: -40°C to +85°C (with derating)
    ️· Weight: 0.92oz (26g)
    ️· Safety & EMC: UL, cUL, CE, EN 55022 Class B, EN 55024

    ## Mechanical Drawings
    ️· A Type Dimensions: 1.41 x 0.75 x 0.86 inches
    ️· B Type Dimensions: 1.41 x 0.75 x 0.86 inches
    ️· Pin Assignments:
    - Pin 1: AC IN (L)
    - Pin 2: AC IN (N)
    - Pin 3: +DC OUT
    - Pin 4: -DC OUT

    # PSAIC Series 3W AC/DC Switching Power Supplies

    ## Features
    ️· RoHS Compliant
    ️· Isolation Class II
    ️· 3 Watts Output Power
    ️· Single Outputs
    ️· Low Output Ripple & Noise
    ️· UL/cUL and CE Approvals
    ️· Fully Encapsulated Plastic Case
    ️· PCB Mounting
    ️· Universal Input: 90-264VAC (120-370VDC)
    ️· No Load Power Consumption < 0.3W
    ️· Short Circuit, Over Power, and Over Voltage Protection
    ️· Operating Temperature: -40°C to +85°C

    ## Description
    ️· Dimensions: 1.41 x 0.75 x 0.86 inches (35.7 x 19.0 x 22.0 mm)
    ️· Encapsulated PCB mountable package.
    ️· Two mechanical options available: A type and B type packages.

    ## Model Selection Table

    Model Number Output Voltage Output Current Output Power Ripple & Noise Efficiency Max Capacitive Load
    PSAIC-3.3Sx 3.3 VDC 900mA 2.97W < 250mVp-p 69% 14000μF
    PSAIC-5Sx 5 VDC 600mA 3W < 200mVp-p 71% 8000μF
    PSAIC-9Sx 9 VDC 333mA 3W < 150mVp-p 76% 3200μF
    PSAIC-12Sx 12 VDC 250mA 3W < 100mVp-p 76% 1500μF
    PSAIC-15Sx 15 VDC 200mA 3W < 100mVp-p 76% 1000μF
    PSAIC-24Sx 24 VDC 125mA 3W < 100mVp-p 77% 470μF

    *Note:* The "x" in the model number indicates package type: “A” or “B”.

    ## Specifications
    ️· Input Voltage: 90-264VAC / 120-370VDC
    ️· Input Frequency: 47-63 Hz
    ️· Efficiency: Varies by model (See table)
    ️· Switching Frequency: 124-140 kHz
    ️· Isolation Voltage: 3750 VAC
    ️· Operating Temperature: -40°C to +85°C (with derating)
    ️· Weight: 0.92oz (26g)
    ️· Safety & EMC: UL, cUL, CE, EN 55022 Class B, EN 55024

    ## Mechanical Drawings
    ️· A Type Dimensions: 1.41 x 0.75 x 0.86 inches
    ️· B Type Dimensions: 1.41 x 0.75 x 0.86 inches
    ️· Pin Assignments:
    - Pin 1: AC IN (L)
    - Pin 2: AC IN (N)
    - Pin 3: +DC OUT
    - Pin 4: -DC OUT

    Part No.PSAIC
    ManufacturerWALL
    Size413 Kbytes
    Pages4 pages
    Description3 Watt AC/DC Switching Power Supplies