Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAIC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAIC
Description  3 Watt AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAIC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAIC Datasheet HTML 1Page - Wall Industries,Inc. PSAIC Datasheet HTML 2Page - Wall Industries,Inc. PSAIC Datasheet HTML 3Page - Wall Industries,Inc. PSAIC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc.
Rev B
PSAIC SERIES
3 Watt AC/DC Switching Power Supplies
01/14/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS: PSAIC SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
264
VAC
Input Voltage
DC input voltage range
120
370
VDC
Input Frequency
47
63
Hz
At 115VAC
75
Input Current
At 230VAC
Full load
55
mA
At 115VAC
20
Inrush Current
At 230VAC
< 500μs
50
A
No Load Power Consumption
< 0.3
W
External Fuse (recommended)
3.15A slow blow type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±10
%
3.3VDC output model
±5
Line Regulation
5V ~ 24VDC output models
LL to HL
±2
%
3.3VDC output model
±5
Load Regulation
5V ~ 24VDC output models
0% load to 100% load
±2
%
Output Power
3
W
Output Current
See Table
Minimum Load
0
%
Ripple & Noise
Measured at 20MHz BW with 0.1μF and 47μF capacitors in parallel
See Table
Max Capacitive Load
See Table
Hold-Up Time
15
ms
Temperature Coefficient
±0.02
%/°C
PROTECTION
Short Circuit Protection
Hiccup mode, indefinite (auto-recovery)
Over Voltage Protection
Zener diode clamp
Over Power Protection
Hiccup technique, auto-recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
124
132
140
KHz
Isolation Voltage (input to output)
3750
VAC
Leakage Current
0.25
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-40
+85
°C
Storage Temperature
-40
+85
°C
Humidity
95
%
Cooling
Free air convection
MTBF
25°C (MIL-HDBK-217F)
> 650,000 hours
PHYSICAL SPECIFICATIONS
Weight
0.92oz (26g)
Case Material
Plastic resin with Fiberglass (Flammability to UL 94V-0)
Dimensions (L x W x H)
1.41 x 0.75 x 0.86 inches (35.7 x 19.0 x 22.0 mm)
SAFETY & EMC
5V output model
UL, cUL, CE, CB
A type package
Others
UL, cUL, CE
Safety Approvals
B type package
All models
UL, cUL, CE
EMI (Conducted and Radiated Emissions)
EN 55022 Class B
EMC
EMS (Noise Immunity)
EN 55024



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com