Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAIC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAIC
Description  3 Watt AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAIC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAIC Datasheet HTML 1Page - Wall Industries,Inc. PSAIC Datasheet HTML 2Page - Wall Industries,Inc. PSAIC Datasheet HTML 3Page - Wall Industries,Inc. PSAIC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc.
Rev B
PSAIC SERIES
3 Watt AC/DC Switching Power Supplies
01/14/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
MECHANICAL DRAWINGS
A TYPE MODELS
1
2
3
4
1.41 (35.7)
0.75 (19.0)
0.12 (3.00)
0.84 (21.25)
0.25
(6.25)
SIDE VIEW
0.1 (2.54)
0.18
(4.6)
0.1 (2.5)
0.035 (0.9)
Unit: inches (mm)
PCB = 0.04” (1.0mm)
Tolerance: ±0.004” (±0.1mm)
PIN CONNECTIONS
Pin
Assignment
1
AC IN (L)
2
AC IN (N)
3
+DC OUT
4
-DC OUT
B TYPE MODELS
1.41 (35.7)
0.75 (19.0)
Unit: inches (mm)
1
2
3
4
SIDE VIEW
0.1 (2.5)
0.06 (1.5)
0.75 (18.95)
0.016 (0.4)
0.06 (1.5)
0.15 (3.7)
1.30 (32.9)
0.06 (1.5)
0.016 (0.4)
0.19 (4.95)
Module Outline
NOTE
The 2x8.5mm slot is not mandatory.
This slot is useful when high creapage between PCB tracks is required.
0.85 (21.5)
0.24 (6.15)
0.09 (2.35) ref.
0.11 (2.7)
PCB Footprint - Bottom Side View
Slot Ø1.2x6 mm
n*4 Pad 1.4x2.5 mm
n*4 Pad 1.8x2.5 mm
Slot Ø1.2x10 mm
PCB = 0.04” (1.0mm)
Tolerance: ±0.004” (±0.1mm)
PIN CONNECTIONS
Pin
Assignment
1
AC IN (L)
2
AC IN (N)
3
+DC OUT
4
-DC OUT
Unit: inches (mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com