Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAE1500 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PSAE1500 Datasheet

  • # Example questions: ➢ What are the functions of pins 13 (en+) and 15 (en-) on the cn2 connector?
    ➢ What are the led status indicators and what do they signify?
    ➢ Describe the two methods for current sharing as depicted in the document.

  • Part No.PSAE1500
    ManufacturerWALL
    Size927 Kbytes
    Pages8 pages
    DescriptionAC/DC Switching Power Supplies
    Datasheet Summary with AI

    # PSAE1500 Series AC/DC Switching Power Supplies

    ## Features
    · RoHS Compliant
    · PFC > 0.95 at 230VAC
    · Up to 1502 Watts Output Power
    · High Efficiency (up to 93%)
    · 3000VAC (4242VDC) I/O Isolation
    · Constant Current Limiting
    · Global Control via RS232
    · Power OK Signal
    · Protection: OLP, OVP, OTP, Fan Failure
    · Remote Sensing (RS232, RS485, I2C)
    · Programmable Output Voltage (0-105%)
    · Programmable Output Current (0-105%)
    · Remote ON/OFF, Remote Sense
    · Universal Input: 90-264VAC (127-370VDC)
    · Single Outputs: 12VDC to 60VDC
    · Selectable Auxiliary Output: +5V/0.5A or +9V/0.3A
    · Forced Current Sharing (Parallel Operation)
    · UL 60950-1 / EN60950-1 Safety Approvals

    ## Description
    · Dimensions: 11.02 x 5.00 x 2.50 inches (280.0 x 127.0 x 63.5 mm)
    · Weight: 5.73 lbs (2.6 kg)
    · Enclosed case providing up to 1502W output.

    ## Model Selection Table
    · Available Output Voltages: 12V, 15V, 24V, 30V, 36V, 48V, 60V
    · Output Power: 1500W (all models)
    · Line Regulation: ±1.0%
    · Load Regulation: ±1.0%
    · Ripple & Noise: 120mVp-p to 600mVp-p (depending on voltage)
    · Efficiency: 89% to 93% (depending on voltage)

    ## Installation
    · Mounting: Standard mounting methods recommended
    · Airflow: Maintain at least 50mm of airflow around vents.
    · Screw Torque: M4 screw: 1.27N•m (13.0kgf•cm)

    ## Environmental Specifications
    · Operating Temperature: -20 to +60°C (see derating curve)
    · Storage Temperature: -40 to +85°C
    · Operating Humidity: 20-90% RH (non-condensing)
    · Vibration: Complies with IEC 68-2-6 & IEC 68-2-64

    ## Safety & EMC
    · Safety Approvals: UL 60950-1, EN60950-1
    · EMI: EN55022, EN61204-3, EN61000-6-3
    · Harmonic Current: EN61000-3-2, EN61000-3-3
    · EMS Immunity: EN55024, EN61204-3, EN61000-6-1, IEC61000-4-2/3/4/5/6/8/11

    ## LED Status Indicators
    · Solid Green: Power OK (Local Mode)
    · Solid Orange: Power OK (Remote Mode)
    · Slow Blink Green: Power Standby
    · Fast Blink Red: OVP
    · Solid Red: OLP
    · Slow Blink Red: OTP
    · Intermittent Blink Red: Fan Failure
    · Interlace Blink Red: Power Failure

    # PSAE1500 Series AC/DC Switching Power Supplies

    ## Features
    · RoHS Compliant
    · PFC > 0.95 at 230VAC
    · Up to 1502 Watts Output Power
    · High Efficiency (up to 93%)
    · 3000VAC (4242VDC) I/O Isolation
    · Constant Current Limiting
    · Global Control via RS232
    · Power OK Signal
    · Protection: OLP, OVP, OTP, Fan Failure
    · Remote Sensing (RS232, RS485, I2C)
    · Programmable Output Voltage (0-105%)
    · Programmable Output Current (0-105%)
    · Remote ON/OFF, Remote Sense
    · Universal Input: 90-264VAC (127-370VDC)
    · Single Outputs: 12VDC to 60VDC
    · Selectable Auxiliary Output: +5V/0.5A or +9V/0.3A
    · Forced Current Sharing (Parallel Operation)
    · UL 60950-1 / EN60950-1 Safety Approvals

    ## Description
    · Dimensions: 11.02 x 5.00 x 2.50 inches (280.0 x 127.0 x 63.5 mm)
    · Weight: 5.73 lbs (2.6 kg)
    · Enclosed case providing up to 1502W output.

    ## Model Selection Table
    · Available Output Voltages: 12V, 15V, 24V, 30V, 36V, 48V, 60V
    · Output Power: 1500W (all models)
    · Line Regulation: ±1.0%
    · Load Regulation: ±1.0%
    · Ripple & Noise: 120mVp-p to 600mVp-p (depending on voltage)
    · Efficiency: 89% to 93% (depending on voltage)

    ## Installation
    · Mounting: Standard mounting methods recommended
    · Airflow: Maintain at least 50mm of airflow around vents.
    · Screw Torque: M4 screw: 1.27N•m (13.0kgf•cm)

    ## Environmental Specifications
    · Operating Temperature: -20 to +60°C (see derating curve)
    · Storage Temperature: -40 to +85°C
    · Operating Humidity: 20-90% RH (non-condensing)
    · Vibration: Complies with IEC 68-2-6 & IEC 68-2-64

    ## Safety & EMC
    · Safety Approvals: UL 60950-1, EN60950-1
    · EMI: EN55022, EN61204-3, EN61000-6-3
    · Harmonic Current: EN61000-3-2, EN61000-3-3
    · EMS Immunity: EN55024, EN61204-3, EN61000-6-1, IEC61000-4-2/3/4/5/6/8/11

    ## LED Status Indicators
    · Solid Green: Power OK (Local Mode)
    · Solid Orange: Power OK (Remote Mode)
    · Slow Blink Green: Power Standby
    · Fast Blink Red: OVP
    · Solid Red: OLP
    · Slow Blink Red: OTP
    · Intermittent Blink Red: Fan Failure
    · Interlace Blink Red: Power Failure

    Part No.PSAE1500
    ManufacturerWALL
    Size927 Kbytes
    Pages8 pages
    DescriptionAC/DC Switching Power Supplies