Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAE1500 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAE1500
Description  AC/DC Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAE1500 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAE1500 Datasheet HTML 1Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 2Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 3Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 4Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 5Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 6Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 7Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Wall Industries, Inc.
Rev B
PSAE1500 SERIES
1500 Watts, AC/DC Switching Power Supplies
10/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 8
FEATURES
RoHS Compliant
PFC > 0.95 at 230VAC
Up to 1502 Watts Output Power
High Efficiency up to 93%
3000VAC (4242VDC) I/O Isolation
Constant Current Limiting
Global Control via RS232
Power OK Signal
Protection: OLP, OVP, OTP, Fan Failure
Remote Sensing Multiple PSU via RS232, RS485 & I2C
Programmable Output Voltage (0~105%)
Programmable Output Current (0~105%)
Remote ON/OFF, Remote Sense Functions
Universal Input Voltage Range: 90~264VAC (127~370VDC)
Single Outputs Ranging from 12VDC to 60VDC
Selectable +5V/0.5A or +9V/0.3A Auxiliary Output
Forced Current Sharing at Parallel Operation
UL 60950-1 and EN60950-1 Safety Approvals
DESCRIPTION
Size:
11.02 x 5.00 x 2.50 inches
(280.0 x 127.0 x 63.5 mm)
Weight:
5.73 lbs (2.6kg)
The PSAE1500 series of AC/DC switching power supplies provides up to 1502 Watts of output power in a
11.02” x 5.00” x 2.50” enclosed case. This series consists of single output models ranging from 12VDC to
60VDC with a universal input voltage range of 90~264VAC (127~370VDC). Standard features include high
efficiency up to 93%, PFC > 0.95 at 230VAC, programmable output voltage and output current, remote
on/off, remote sense, and power OK signal. This series also has over temperature, over voltage, and over
load protection. All models are RoHS compliant and have UL 60950-1 and EN60950-1 safety approvals.
MODEL SELECTION TABLE
Model Number
Input Voltage (2)
Output Voltage
Output Current
Line Regulation
Load Regulation
Output Power
Ripple & Noise (1)
Efficiency
PSAE-1500-12
12 VDC
125A
±1.0%
±1.0
1500W
120mVp-p
89%
PSAE-1500-15
15 VDC
100A
±1.0%
±1.0
1500W
150mVp-p
90%
PSAE-1500-24
24 VDC
62.5A
±1.0%
±1.0
1500W
240mVp-p
92%
PSAE-1500-30
30 VDC
50A
±1.0%
±1.0
1500W
300mVp-p
92%
PSAE-1500-36
36 VDC
41.7A
±1.0%
±1.0
1501W
360mVp-p
92%
PSAE-1500-48
48 VDC
31.3A
±1.0%
±1.0
1502W
480mVp-p
92%
PSAE-1500-60
90~264 VAC
(127~370 VDC)
60 VDC
25A
±1.0%
±1.0
1500W
600mVp-p
93%
NOTES
1. Ripple & noise is measured at 20MHz limited bandwidth and using a 12" twisted pair-wire terminated with a 0.1µF & 47µF capacitors in parallel.
2. For voltages near the low end of the input voltage range, see the derating curve for the power supply output rating.
3. When in parallel operation only one unit might operate if the total output load is less than 5% of the rated load condition.
4. The power supply is considered a component which will be installed into final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
DERATING CURVES
Load vs Ambient Temperature
Load vs Input Voltage
-25
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
20
40
60
80
100
120
90
Ta=25°C
100
110
120
264
40
50
60
70
80
Input Voltage (VAC)
90
100
120


Similar Part No. - PSAE1500

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAE-800-12 WALL-PSAE-800-12 Datasheet
469Kb / 8P
AC/DC Switching Power Supplies
PSAE-800-15 WALL-PSAE-800-15 Datasheet
469Kb / 8P
AC/DC Switching Power Supplies
PSAE-800-24 WALL-PSAE-800-24 Datasheet
469Kb / 8P
AC/DC Switching Power Supplies
PSAE-800-30 WALL-PSAE-800-30 Datasheet
469Kb / 8P
AC/DC Switching Power Supplies
PSAE-800-36 WALL-PSAE-800-36 Datasheet
469Kb / 8P
AC/DC Switching Power Supplies
More results

Similar Description - PSAE1500

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com