Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAE1500 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAE1500
Description  AC/DC Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAE1500 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAE1500 Datasheet HTML 1Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 2Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 3Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 4Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 5Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 6Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 7Page - Wall Industries,Inc. PSAE1500 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Wall Industries, Inc.
Rev B
PSAE1500 SERIES
1500 Watts, AC/DC Switching Power Supplies
10/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 8
SPECIFICATIONS: PSAE1500 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
264
VAC
Input Voltage (See Note 2)
DC input voltage range
127
370
VDC
Input Frequency
47
63
Hz
At 115VAC and full load
18
AC Current
At 230VAC and full load
9
A
At 115VAC and cold start
30
Inrush Current
At 230VAC and cold start
45
A
At 115VAC and full load
0.99
Power Factor
At 230VAC and full load
0.95
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
Includes set-up tolerance, line regulation, and load regulation
-2.0
+2.0
%
Voltage Adjustability
Typical adjustment by potentiometer (VR1)
-5.0
+5.0
%
Line Regulation
Low Line to High Line
-1.0
+1.0
%
Load Regulation
0% to 100% full load
-1.0
+1.0
%
Output Power
See Table
Output Current
See Table
Ripple & Noise (20MHz BW)
Measured with 0.1µF and 47µF capacitors in parallel
-1
+1
%
Hold-up Time
At 230VAC and full load
14
ms
Setup Time
full load
800
ms
Rise Time
full load
100
ms
Temperature Coefficient
0~50°C
-0.02
+0.02
%/°C
PROTECTION
Over Voltage Protection (see page 4)
Protection type: latch-style. Recovery after reset AC power ON or inhibit
Variable OVP, 120%±7% Vout
Over Load Protection
Protection type: constant current limiting
105% rated output power
Over Temperature Protection
Protection type: auto-recovery after temp. goes down
85°C±5°C detect on heatsink of sec. side
GENERAL SPECIFICATIONS
Efficiency
See Table
Input to Output
4242VDC (3000VAC)
Input to FG
2121VDC (1500VAC)
Isolation Voltage
Output to FG
707VDC (500VAC)
Isolation Resistance
Input to output, input to FG, output to FG; 500VDC
100
Leakage Current
At 240VAC
2.5
mA
FUNCTIONS
Auxiliary Power
Selectable +5V/0.5A or +9V/0.3A aux. output
Remote ON/OFF Control
By external switch
Power OK Signal
Sink Current: 20mA max.; Drain Voltage: 40V max.
Open drain signal low when PSU turns on
Output Voltage Trim
0
105
%Vo
Output Current Trim
0
105
%Io
Parallel Operation (Current Sharing)
See page 6
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
See derating curve
-20
+60
°C
Storage Temperature
-40
+85
°C
Operating Humidity
Non-condensing
20
90
% RH
Storage Humidity
10
95
% RH
Cooling
Load and temperature control fan
Vibration
10~500Hz, 2G 10 min./1 cycle, period for 60 min. each along X, Y, Z axes. Compliance to IEC 68-2-6, IEC 68-2-64
PHYSICAL SPECIFICATIONS
Weight
5.73 lbs (2.6kg)
Dimensions (W x H x D)
11.02 x 5.00 x 2.50 in (280.0 x 127.0 x 63.5 mm)
SAFETY & EMC (See Note 4)
Safety Approvals
UL 60950-1; EN60950-1
EMI (Conduction & Radiation)
EN55022; EN61204-3; EN61000-6-3
Harmonic Current
EN61000-3-2; EN61000-3-3
EMS Immunity
EN55024; EN61204-3; EN61000-6-1; IEC61000-4-2,3,4,5,6,8,11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com