| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AV050 Datasheet
# Example questions:
➢ What is the i/o isolation voltage specified for this product?
➢ What is the maximum power output for the avo50-48s1v5-4 model?
➢ What is the operating ambient temperature range for this power supply?
# AV050 Series Power Supply
## General Specifications
️· Total Power: 50 Watts
️· Input Voltage: 36 - 75VDC
️· # of Outputs: Single
️· Efficiency: 91% @ 3.3V, 5V, and 12V
## Features
️· 2:1 Wide input range
️· Optimized for high-density, small-space applications
️· Low ripple and noise
️· Fixed switching frequency
️· High efficiency
️· High capacitive load capability
️· Basic insulation system
️· Pre-bias start-up capability
️· Open-frame structure
## Safety & Compliance
️· Safety Standards: UL, cUL (UL60950), TUV/CE (IEC/EN60950)
️· RoHS Compliant
## Electrical Specifications
️· Input: 36 - 75 VDC
️· Output:
- Line Regulation: 5V: 4mV; 12V: 9mV; Others: 1mV
- Load Regulation: 5V and 12V: 5mV; Others: 1mV
- Noise/Ripple: 1.2V: 50mV; 1.5V, 5V, 12V: 55mV; 1.8V: 45mV
️· Isolation: 1500 VDC min.
️· Switching Frequency: 310KHz
️· Temperature Coefficient: ±0.02 /°C
## Environmental Specifications
️· Operating Temperature: -40°C to +85°C
️· Storage Temperature: -55°C to +125°C
️· Humidity: 5% to 95% (non-condensing)
️· MTBF: 2.5 Million hours
## Ordering Information (Examples)
️· AVO50-48S1V2-4: 1.2V @ 20A, 24W output
️· AVO50-48S1V5-4: 1.5V @ 20A, 30W output
️· AVO50-48S12-6L: 12V @ 4.2A, 50W output
## Pin Assignments
️· Pin 1: +V in
️· Pin 2: Enable
️· Pin 3: -V in
️· Pin 4: -V out
️· Pin 5: - Sense
️· Pin 6: Trim
️· Pin 7: +Sense
️· Pin 8: +V out
## Mechanical Options
️· Pin Length Suffixes: -4 (4.8mm), -6 (3.8mm), -8 (2.8mm), None (5.8mm)
# AV050 Series Power Supply
## General Specifications
️· Total Power: 50 Watts
️· Input Voltage: 36 - 75VDC
️· # of Outputs: Single
️· Efficiency: 91% @ 3.3V, 5V, and 12V
## Features
️· 2:1 Wide input range
️· Optimized for high-density, small-space applications
️· Low ripple and noise
️· Fixed switching frequency
️· High efficiency
️· High capacitive load capability
️· Basic insulation system
️· Pre-bias start-up capability
️· Open-frame structure
## Safety & Compliance
️· Safety Standards: UL, cUL (UL60950), TUV/CE (IEC/EN60950)
️· RoHS Compliant
## Electrical Specifications
️· Input: 36 - 75 VDC
️· Output:
- Line Regulation: 5V: 4mV; 12V: 9mV; Others: 1mV
- Load Regulation: 5V and 12V: 5mV; Others: 1mV
- Noise/Ripple: 1.2V: 50mV; 1.5V, 5V, 12V: 55mV; 1.8V: 45mV
️· Isolation: 1500 VDC min.
️· Switching Frequency: 310KHz
️· Temperature Coefficient: ±0.02 /°C
## Environmental Specifications
️· Operating Temperature: -40°C to +85°C
️· Storage Temperature: -55°C to +125°C
️· Humidity: 5% to 95% (non-condensing)
️· MTBF: 2.5 Million hours
## Ordering Information (Examples)
️· AVO50-48S1V2-4: 1.2V @ 20A, 24W output
️· AVO50-48S1V5-4: 1.5V @ 20A, 30W output
️· AVO50-48S12-6L: 12V @ 4.2A, 50W output
## Pin Assignments
️· Pin 1: +V in
️· Pin 2: Enable
️· Pin 3: -V in
️· Pin 4: -V out
️· Pin 5: - Sense
️· Pin 6: Trim
️· Pin 7: +Sense
️· Pin 8: +V out
## Mechanical Options
️· Pin Length Suffixes: -4 (4.8mm), -6 (3.8mm), -8 (2.8mm), None (5.8mm)
| Part No. | AV050 |
| Manufacturer | ARTESYN |
| Size | 1,003 Kbytes |
| Pages | 3 pages |
| Description | Low ripple and noise |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |