Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AV050 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AV050
Description  Low ripple and noise
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AV050 Datasheet(HTML) 2 Page - Artesyn Technologies

  AV050 Datasheet HTML 1Page - Artesyn Technologies AV050 Datasheet HTML 2Page - Artesyn Technologies AV050 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AV050 Series Data Sheet
Ordering Information
Model number
Input voltage
Output voltage
Power
AVO50-48S1V2-4
36 - 75Vin
1.2V @ 20A
24W
AVO50-48S1V2P-4
36 - 75Vin
1.2V @ 20A
24W
AVO50-48S1V5-4
36 - 75Vin
1.5V @ 20A
30W
AVO50-48S1V5P-4
36 - 75Vin
1.5V @ 20A
30W
AVO50-48S1V8-4
36 - 75Vin
1.8V @ 20A
36W
AVO50-48S1V8P-4
36 - 75Vin
1.8V @ 20A
36W
AVO50-48S2V5-4
36 - 75Vin
2.5V @ 20A
50W
AVO50-48S2V5P-4
36 - 75Vin
2.5V @ 20A
50W
AVO50C-48S3V3-6L
36 - 75Vin
3.3V@ 15A
49.5W
AVO50C-48S3V3P-6L
36 - 75Vin
3.3V@ 15A
49.5W
AVO50-48S05-4
36 - 75Vin
5V @ 10A
50W
AVO50-48S12-6L
36 - 75Vin
12V @ 4.2A
50W
AVO50-48S12P-4
36 - 75Vin
12V @ 4.2A
50W
Notes:
- Standard version is negative enable
- “-6” = 3.8mm pin length
- “-4” = 4.8mm pin length
- “ -P” = Positive enable
Mechanical Drawings
6- 1.0±0.10
57.9 [2.28]
7.62 [0.300]
2- 1.5 ±0.10
50.80 [2.000]
6- 2.0±0.1
4
5
6
7
8
Top view
1
2
3
Tolerances: X.Xmm=+/-0.5mm
X.XXmm=+/-0.25mm
4.8mm=+/-0.5mm
Pin length option
Device code
suffix
L
-4
-6
-8
None
3.8mm=+/-0.5mm
2.8mm=+/-0.25mm
5.8mm=+/-0.5mm
Notes:
1. All specifications are subject to change without notice. Mechanical drawings are for reference only.
2. Warranty: 2 yr
3. Label and logo appearance may vary from what is shown on mechanical drawings.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com