Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AV050 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AV050
Description  Low ripple and noise
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AV050 Datasheet(HTML) 1 Page - Artesyn Technologies

  AV050 Datasheet HTML 1Page - Artesyn Technologies AV050 Datasheet HTML 2Page - Artesyn Technologies AV050 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
AV050 Series
50 Watts
Total Power: 50 Watts
Input Voltage: 36 - 75V
# of Outputs: Single
Special FeatureS
ƒ
2:1 Wide input range
ƒ
Optimised for High density, small
space applications
ƒ
Low ripple and noise
ƒ
Fixed switching frequency
ƒ
High efficiency
ƒ
High capacitive load capability
ƒ
Basic insulation system
ƒ
Pre-bias start-up capability
ƒ
Open-frame structure
SaFety
ƒ
UL, cUL: UL60950
ƒ
TUV/CE: IEC/EN60950
Electrical Specifications
Input
Input range:
36 - 75 VDC
Efficiency:
91% @ 3.3V, 5V and 12V
Output
Maximum power:
+/-1% to +/-1.6%
Line regulation:
5V: 4mV; 12V: 9mV; Others: 1mV
Load regulation:
5V and 12V: 5mV; Others: 1mV
Noise/ripple:
1.2V, 2.5V, 3.3V: 50mV;
1.5V, 5V, 12V: 55mV;
1.8V: 45mV
Over voltage protection:
Over temperature protection:
Auto-restart
Switching frequency:
310KHz
Temperature coefficient:
±0.02 /°C
Isolation
I/O isolation:
1500 VDC min.
Environmental Specifications
Operating ambient temperature range:
-40°C to +85°C
Storage temperature:
-55°C to +125°C
Humidity:
5% to 95% (non-condensing)
MTBF:
2.5 Million hours
RoHS Compliant
Data Sheet


Similar Part No. - AV050

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AV050046AV8F2N SCHNEIDER-AV050046AV8F2N Datasheet
85Kb / 2P
VarSet Automatic Standard - Lugs (6000s) 0500 kVar, 480 V - Top - NEMA 1
May 21, 2020
More results

Similar Description - AV050

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-RAC SPI-FSP065-RAC Datasheet
52Kb / 1P
Low noise and ripple
FSP200-62DL24V SPI-FSP200-62DL24V Datasheet
48Kb / 1P
Low noise and ripple
logo
Minmax Technology Co., ...
M78A MINMAX-M78A Datasheet
952Kb / 3P
Low Ripple and Noise
logo
Astec America, Inc
AEO ASTEC-AEO Datasheet
1Mb / 4P
Low Ripple and Noise
logo
Emerson Network Power
AVO100B-48S3V3 EMERSON-NETWORKPOWER-AVO100B-48S3V3 Datasheet
174Kb / 2P
Low ripple and noise
logo
Artesyn Technologies
AVE350B ARTESYN-AVE350B Datasheet
1Mb / 3P
Low ripple and noise
AVE600 ARTESYN-AVE600 Datasheet
1Mb / 3P
Low ripple and noise
AVO100 ARTESYN-AVO100 Datasheet
548Kb / 3P
Low ripple and noise
logo
PEAK electronics GmbH
P6CUIDUI-05053R3ZLF PEAK-P6CUIDUI-05053R3ZLF Datasheet
425Kb / 3P
Low Ripple and Noise
P6LG-053R3ELF PEAK-P6LG-053R3ELF Datasheet
137Kb / 3P
Low Ripple and Noise
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com