Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PACSR28018 Datasheet (PDF) - Delta Electronics, Inc.

PACSR28018 Datasheet PDF - Delta Electronics, Inc.
Part # PACSR28018
Download  PACSR28018 Download
File Size   776.8 Kbytes
Page   7 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 28V Output AC/DC Converter, Module Package

PACSR28018 Datasheet (PDF)

Go To PDF Page Download Datasheet
PACSR28018 Datasheet PDF - Delta Electronics, Inc.

Part # PACSR28018
Download  PACSR28018 Click to download

File Size   776.8 Kbytes
Page   7 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 28V Output AC/DC Converter, Module Package

PACSR28018 Datasheet (HTML) - Delta Electronics, Inc.




Similar Part No. - PACSR28018

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PACSR28010 DELTA-PACSR28010 Datasheet
830Kb / 7P
28V Output AC/DC Converter, Module Package
PACSR28010A DELTA-PACSR28010A Datasheet
830Kb / 7P
28V Output AC/DC Converter, Module Package
PACSR28010S DELTA-PACSR28010S Datasheet
830Kb / 7P
28V Output AC/DC Converter, Module Package
More results


Similar Description - PACSR28018

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
H8D3190 MURATA-H8D3190 Datasheet
37Kb / 1P
AC-DC Converter Module
logo
Astec America, Inc
AIF-PFC ASTEC-AIF-PFC Datasheet
1Mb / 31P
AC-DC Converter Module
logo
MORNSUN Science& Techno...
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
OUTPUT SIP PACKAGE DC-DC CONVERTER
logo
Vicor Corporation
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
28V Wide Input Maxi Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
28V Wide Input Micro Family DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
Mini Family 28V Wide Input DC-DC Converter Module
logo
Delta Electronics, Inc.
PACSR24012 DELTA-PACSR24012 Datasheet
785Kb / 7P
24V Output AC/DC Converter, Module Package
PACSR24021 DELTA-PACSR24021 Datasheet
778Kb / 7P
24V Output AC/DC Converter, Module Package
PACSR28010 DELTA-PACSR28010 Datasheet
830Kb / 7P
28V Output AC/DC Converter, Module Package
PACSR48006 DELTA-PACSR48006 Datasheet
903Kb / 7P
48V Output AC/DC Converter, Module Package
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com