Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HI5860 Datasheet (PDF) - Renesas Technology Corp

HI5860 Datasheet PDF - Renesas Technology Corp
Part # HI5860
Download  HI5860 Download
File Size   586.81 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-Bit, 130MSPS, High Speed D/A Converter

HI5860 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5860 Datasheet PDF - Renesas Technology Corp

Part # HI5860
Download  HI5860 Click to download

File Size   586.81 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-Bit, 130MSPS, High Speed D/A Converter

HI5860 Datasheet (HTML) - Renesas Technology Corp


HI5860 Product details

12-Bit, 130MSPS, High Speed D/A Converter

The HI5860 is a 12-bit, 130MSPS (Mega Samples Per Second), high speed, low power, D/A converter which is implemented in an advanced CMOS process. Operating from a single +3V to +5V supply, the converter provides 20mA of full scale output current and includes edge-triggered CMOS input data latches. Low glitch energy and excellent frequency domain performance are achieved using a segmented current source architecture.

Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . . 130MSPS
• Low Power . . . 175mW at 5V, 32mW at 3V (At 100MSPS)
• Integral Linearity Error (Typ) . . . . . . . . . . . . . . . ±0.5 LSB
• Adjustable Full Scale Output Current. . . . . 2mA to 20mA
• Internal 1.2V Bandgap Voltage Reference
• Single Power Supply from +5V to +3V
• Power-Down Mode
• CMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range (76dBc, fS = 50MSPS, fOUT = 2.51MHz)
• Excellent Multitone Intermodulation Distortion
• Pb-Free Available (RoHS Compliant)

Applications
• Basestations (Cellular, WLL)
• Medical/Test Instrumentation
• Wireless Communications Systems
• Direct Digital Frequency Synthesis
• Signal Reconstruction
• High Resolution Imaging Systems
• Arbitrary Waveform Generators




Similar Part No. - HI5860

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
1999 11
HI5860 INTERSIL-HI5860 Datasheet
477Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
HI5860 INTERSIL-HI5860 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
HI5860 INTERSIL-HI5860 Datasheet
683Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
HI5860IA INTERSIL-HI5860IA Datasheet
88Kb / 12P
12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
1999 11
More results


Similar Description - HI5860

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
High Speed 12 Bit A/D Converter
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_05 Datasheet
621Kb / 10P
12-Bit, 130MSPS, High Speed D/A Converter
May 4, 2005
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
ISL76161 INTERSIL-ISL76161 Datasheet
497Kb / 12P
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
September 9, 2008
logo
Analog Devices
HAS-1204 AD-HAS-1204_15 Datasheet
947Kb / 4P
ULTRA HIGH SPEED 12 BIT A/D CONVERTER
logo
Intersil Corporation
HI5860IA INTERSIL-HI5860IA Datasheet
683Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
HI5960IB INTERSIL-HI5960IB Datasheet
302Kb / 12P
14-Bit, 130MSPS, High Speed D/A Converte
March 31, 2005
logo
Renesas Technology Corp
HI5828 RENESAS-HI5828 Datasheet
552Kb / 12P
12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
HI5960 RENESAS-HI5960 Datasheet
552Kb / 12P
14-Bit, 130MSPS, High Speed D/A Converter
ISL76161 RENESAS-ISL76161 Datasheet
917Kb / 12P
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
December 23, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com