Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HI5960IB Datasheet (PDF) - Intersil Corporation

HI5960IB Datasheet PDF - Intersil Corporation
Part # HI5960IB
Download  HI5960IB Download
File Size   302.47 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14-Bit, 130MSPS, High Speed D/A Converte

HI5960IB Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5960IB Datasheet PDF - Intersil Corporation

Part # HI5960IB
Download  HI5960IB Click to download

File Size   302.47 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14-Bit, 130MSPS, High Speed D/A Converte

HI5960IB Datasheet (HTML) - Intersil Corporation


HI5960IB Product details

The HI5960 is a 14-bit, 130MSPS (Mega Samples Per
Second), high speed, low power, D/A converter which is
implemented in an advanced CMOS process. Operating
from a single +3V to +5V supply, the converter provides
20mA of full scale output current and includes edgetriggered CMOS input data latches. Low glitch energy and
excellent frequency domain performance are achieved using
a segmented current source architecture.
This device complements the HI5x60 and HI5x28 family of
high speed converters, which includes 8, 10, 12, and 14-bit
devices.

Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . . 130MSPS
• Low Power (at 100MSPS) at 5V . . . . . . . . . . . . . .175mW
at 3V. . . . . . . . . . . . . . . .32mW
• Adjustable Full Scale Output Current. . . . . 2mA to 20mA
• Internal 1.2V Bandgap Voltage Reference
• Single Power Supply from +5V to +3V
• Power Down Mode
• CMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
(77dBc, fS = 50MSPS, fOUT = 2.51MHz)
• Excellent Multitone Intermodulation Distortion
• Pb-Free Available (RoHS Compliant)

Applications
• Cellular Basestations
• WLL, Basestation and Subscriber Units
• Medical/Test Instrumentation
• Wireless Communications Systems
• Direct Digital Frequency Synthesis
• High Resolution Imaging Systems
• Arbitrary Waveform Generators




Similar Part No. - HI5960IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5960IB INTERSIL-HI5960IB Datasheet
88Kb / 12P
14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
1999 11
HI5960IB INTERSIL-HI5960IB Datasheet
297Kb / 12P
14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
March 31, 2005
logo
Renesas Technology Corp
HI5960IB RENESAS-HI5960IB Datasheet
552Kb / 12P
14-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5960IBZ INTERSIL-HI5960IBZ Datasheet
297Kb / 12P
14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
March 31, 2005
logo
Renesas Technology Corp
HI5960IBZ RENESAS-HI5960IBZ Datasheet
552Kb / 12P
14-Bit, 130MSPS, High Speed D/A Converter
More results


Similar Description - HI5960IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_05 Datasheet
621Kb / 10P
12-Bit, 130MSPS, High Speed D/A Converter
May 4, 2005
logo
Linear Technology
LTC2208-14 LINER-LTC2208-14 Datasheet
1Mb / 28P
14-Bit, 130Msps ADC
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
ISL76161 INTERSIL-ISL76161 Datasheet
497Kb / 12P
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
September 9, 2008
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
HI5860IA INTERSIL-HI5860IA Datasheet
683Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
logo
Renesas Technology Corp
HI5828 RENESAS-HI5828 Datasheet
552Kb / 12P
12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
HI5860 RENESAS-HI5860 Datasheet
586Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
HI5960 RENESAS-HI5960 Datasheet
552Kb / 12P
14-Bit, 130MSPS, High Speed D/A Converter
ISL76161 RENESAS-ISL76161 Datasheet
917Kb / 12P
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
December 23, 2013
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com