Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL97636A Datasheet (PDF) - Renesas Technology Corp

ISL97636A Datasheet PDF - Renesas Technology Corp
Part # ISL97636A
Download  ISL97636A Download
File Size   1092.9 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel LED Driver

ISL97636A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97636A Datasheet PDF - Renesas Technology Corp

Part # ISL97636A
Download  ISL97636A Click to download

File Size   1092.9 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel LED Driver

ISL97636A Datasheet (HTML) - Renesas Technology Corp


ISL97636A Product details

6-Channel LED Driver

The ISL97636A is an integrated power LED driver that controls 6 channels of LED current for LCD backlight applications. The ISL97636A is capable of driving typically 54 (6x9) pieces of 3.5V/30mA or 60 (6x10) pieces of 3.2V/20mA LEDs. The ISL97636A’s contains 6 channels of voltage controlled current sources with typical currents matching of ±1%, which compensate for the non-uniformity effect of forward voltages variance in the LED stacks. To minimize the voltage headroom and power loss in the typical multi-strings operation, the ISL97636A features a dynamic headroom control that monitors the highest LED forward voltage string and uses its feedback signal for output regulation.

Features
• 6 channels
• 6V to 24V Input
• 34.5V Output Max
• Drive Maximally 54 (3.5V/30mA each) or 60 (3.2V/20mA each) LEDs
• Current Matching ±1% Typ
• Dynamic Headroom Control
• PWM Signal up to 20kHz Dimming
• Protections
    - String Open Circuit Detection
    - String Short Circuit Detection with Selectable Thresholds
    - Over-Temperature Protection
    - Overvoltage Protection
    - Optional Input Overcurrent Protection w/Disconnect SW
• 1.2MHz Switching Frequency
• 24 Ld 4mmx4mm QFN Package
• Pb-Free (RoHS compliant)

Applications
• Notebook Displays LED Backlighting
• LCD Monitor LED Backlighting
• Automotive Displays LED Backlighting
• Automotive or Traffic Lighting




Similar Part No. - ISL97636A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97636A INTERSIL-ISL97636A Datasheet
650Kb / 18P
6-Channel LED Driver
May 9, 2008
ISL97636A INTERSIL-ISL97636A Datasheet
651Kb / 18P
6-Channel LED Driver
May 9, 2008
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
650Kb / 18P
6-Channel LED Driver
May 9, 2008
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
651Kb / 18P
6-Channel LED Driver
May 9, 2008
More results


Similar Description - ISL97636A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672_10 Datasheet
380Kb / 17P
6-Channel LED Driver
June 24, 2010
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97636A INTERSIL-ISL97636A Datasheet
650Kb / 18P
6-Channel LED Driver
May 9, 2008
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
651Kb / 18P
6-Channel LED Driver
May 9, 2008
logo
Copal Electronics
AN30 COPAL-AN30 Datasheet
397Kb / 7P
6-Channel LED Driver
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
6-Channel White LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
SMBus 6-Channel LED Driver
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
6-Channel LED Driver
Sep 8, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com