Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL97636A Datasheet (PDF) - Intersil Corporation

ISL97636A Datasheet PDF - Intersil Corporation
Part # ISL97636A
Download  ISL97636A Download
File Size   650.0 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Channel LED Driver

ISL97636A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97636A Datasheet PDF - Intersil Corporation

Part # ISL97636A
Download  ISL97636A Click to download

File Size   650.0 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Channel LED Driver

ISL97636A Datasheet (HTML) - Intersil Corporation


ISL97636A Product details

6-Channel LED Driver

The ISL97636A is an integrated power LED driver that controls 6 channels of LED current for LCD backlight applications. The ISL97636A is capable of driving typically 54 (6x9) pieces of 3.5V/30mA or 60 (6x10) pieces of 3.2V/20mA LEDs. The ISL97636A’s contains 6 channels of voltage controlled current sources with typical currents matching of ±1%, which compensate for the non-uniformity effect of forward voltages variance in the LED stacks. To minimize the voltage headroom and power loss in the typical multi-strings operation, the ISL97636A features a dynamic headroom control that monitors the highest LED forward voltage string and uses its feedback signal for output regulation.

Features
• 6 channels
• 6V to 24V Input
• 34.5V Output Max
• Drive Maximally 54 (3.5V/30mA each) or 60 (3.2V/20mA each) LEDs
• Current Matching ±1% Typ
• Dynamic Headroom Control
• PWM Signal up to 20kHz Dimming
• Protections
    - String Open Circuit Detection
    - String Short Circuit Detection with Selectable Thresholds
    - Over-Temperature Protection
    - Overvoltage Protection
    - Optional Input Overcurrent Protection w/Disconnect SW
• 1.2MHz Switching Frequency
• 24 Ld 4mmx4mm QFN Package
• Pb-Free (RoHS compliant)

Applications
• Notebook Displays LED Backlighting
• LCD Monitor LED Backlighting
• Automotive Displays LED Backlighting
• Automotive or Traffic Lighting




Similar Part No. - ISL97636A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97636A RENESAS-ISL97636A Datasheet
1Mb / 18P
6-Channel LED Driver
logo
Intersil Corporation
ISL97636A INTERSIL-ISL97636A Datasheet
651Kb / 18P
6-Channel LED Driver
May 9, 2008
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
651Kb / 18P
6-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97636AIRZ RENESAS-ISL97636AIRZ Datasheet
1Mb / 18P
6-Channel LED Driver
More results


Similar Description - ISL97636A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672_10 Datasheet
380Kb / 17P
6-Channel LED Driver
June 24, 2010
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
SMBus 6-Channel LED Driver
December 22, 2008
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
651Kb / 18P
6-Channel LED Driver
May 9, 2008
logo
Copal Electronics
AN30 COPAL-AN30 Datasheet
397Kb / 7P
6-Channel LED Driver
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
6-Channel White LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
SMBus 6-Channel LED Driver
ISL97636A RENESAS-ISL97636A Datasheet
1Mb / 18P
6-Channel LED Driver
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
6-Channel LED Driver
Sep 8, 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com