Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PNS40010ER Datasheet (PDF) - Nexperia B.V. All rights reserved

PNS40010ER Datasheet PDF - Nexperia B.V. All rights reserved
Part # PNS40010ER
Download  PNS40010ER Download
File Size   252.36 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 400 V, 1 A high power density, standard switching time recovery rectifier

PNS40010ER Datasheet (PDF)

Go To PDF Page Download Datasheet
PNS40010ER Datasheet PDF - Nexperia B.V. All rights reserved

Part # PNS40010ER
Download  PNS40010ER Click to download

File Size   252.36 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 400 V, 1 A high power density, standard switching time recovery rectifier

PNS40010ER Datasheet (HTML) - Nexperia B.V. All rights reserved




Similar Part No. - PNS40010ER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNS40010ER PHILIPS-PNS40010ER_15 Datasheet
864Kb / 14P
400 V, 1 A high power density, standard switching time PN-rectifier
Rev. 2-21 August 2012
More results


Similar Description - PNS40010ER

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR100S20 SSDI-SDR100S20 Datasheet
93Kb / 3P
STANDARD RECOVERY HIGH POWER RECTIFIER
logo
Vishay Siliconix
VSMD400AW60 VISHAY-VSMD400AW60 Datasheet
159Kb / 6P
Standard Recovery Diodes, 400 A
08-Mar-11
logo
Solid States Devices, I...
RC0153A SSDI-RC0153A Datasheet
93Kb / 3P
STANDARD RECOVERY HIGH POWER RECTIFIER
RC0153A SSDI-RC0153A_15 Datasheet
93Kb / 3P
STANDARD RECOVERY HIGH POWER RECTIFIER
logo
NXP Semiconductors
PNS40010ER PHILIPS-PNS40010ER_15 Datasheet
864Kb / 14P
400 V, 1 A high power density, standard switching time PN-rectifier
Rev. 2-21 August 2012
logo
Vishay Siliconix
VS-VSMD400AW60 VISHAY-VS-VSMD400AW60 Datasheet
173Kb / 6P
Standard Recovery Diodes, 400 A
11-Jun-14
logo
Nexperia B.V. All right...
ES1GR NEXPERIA-ES1GR Datasheet
222Kb / 14P
400 V, 1 A hyperfast switching time PN-rectifier
logo
Vishay Siliconix
VS-VSMD400AW60 VISHAY-VS-VSMD400AW60_V01 Datasheet
166Kb / 6P
Standard Recovery Diodes, 400 A
05-Jan-18
logo
Nexperia B.V. All right...
S1DR NEXPERIA-S1DR Datasheet
215Kb / 13P
200 V, 1 A high power density, standard switching time PNrectifier
10 January 2018
logo
ON Semiconductor
MURS230 ONSEMI-MURS230 Datasheet
131Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 2 A, 300-400 V
April, 2023 - Rev. 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com