Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BRT21 Datasheet (PDF) - Vishay Siliconix

BRT21 Datasheet PDF - Vishay Siliconix
Part # BRT21
Download  BRT21 Download
File Size   499.25 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Zero Crossing

BRT21 Datasheet (PDF)

Go To PDF Page Download Datasheet
BRT21 Datasheet PDF - Vishay Siliconix

Part # BRT21
Download  BRT21 Click to download

File Size   499.25 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Zero Crossing

BRT21 Datasheet (HTML) - Vishay Siliconix


BRT21 Product details

Description

The BRT21, BRT22, BRT23 product family consists of AC switch optocouplers with zero voltage detectors with two electrically insulated lateral power ICs which integrate a thyrister system, a photo detector and noise suppression at the output and an IR GaAs diode input



Features

• High Input Sensitivity IFT = 1.0 mA

• ITRMS = 300 mA

• High Static dv/dt 10,000 V/µs

• Electrically Insulated between Input and Output circuit

• Microcomputer compatible

• Trigger Current

- (IFT < 1.2 mA) BRT22F, BRT23F,

- (IFT < 2 mA) BRT21H, BRT22H, BRT23H

- (IFT < 3 mA) BRT21M, BRT22M, BRT23M

• Available Surface Mount and on on tape and reel

• Zero Voltage Crossing detector

• UL File E52744 System Code "J"

• Lead-free component

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC



Applications

• Industrial controls

• Office equipment

• Consumer appliances

 




Similar Part No. - BRT21

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT21 SIEMENS-BRT21 Datasheet
345Kb / 6P
SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
Vishay Siliconix
BRT21 VISHAY-BRT21 Datasheet
147Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
07-May-08
BRT21 VISHAY-BRT21 Datasheet
223Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
18-Nov-2020
logo
Siemens Semiconductor G...
BRT21H SIEMENS-BRT21H Datasheet
345Kb / 6P
SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
Vishay Siliconix
BRT21H VISHAY-BRT21H Datasheet
147Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
07-May-08
More results


Similar Description - BRT21

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
07-May-08
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
29-Mar-11
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jun-12
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
30-Aug-16
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
17-Apr-18
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
04-Nov-2020
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing
14-Jul-2021
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
18-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
11-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com