Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IL4118 Datasheet (PDF) - Vishay Siliconix

IL4118 Datasheet PDF - Vishay Siliconix
Part # IL4118_V01
Download  IL4118 Download
File Size   207.63 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current

IL4118 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL4118 Datasheet PDF - Vishay Siliconix

Part # IL4118_V01
Download  IL4118 Click to download

File Size   207.63 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current

IL4118 Datasheet (HTML) - Vishay Siliconix


IL4118 Product details

DESCRIPTION
The IL4116, IL4117, and IL4118 product family consists of
an optically coupled GaAs IRLED to a photosensitive
thyristor system with integrated noise suppression and zero
crossing circuit.
The thyristor system enables low trigger currents of 0.7 mA
and features a dV/dt ratio of greater than 10 kV/μs and load
voltages up to 800 V.
The IL4116, IL4117, and IL4118 product family is a perfect
microcontroller friendly solution to isolate low voltage logic
from high voltage 120 VAC, 240 VAC, and 380 VAC lines and
to control resistive, inductive, or capacitive AC loads like
motors, solenoids, high power thyristors or TRIACs, and
solid-state relays.
FEATURES
• Low trigger current IFT = 0.7 mA (typ.)
• ITRMS = 300 mA
• High static dV/dt ≥ 10 000 V/μs
• Load voltage up to 800 V
• Zero voltage crossing detector
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Solid-state relay
• Lighting controls
• Temperature controls
• Solenoid / valve controls
• AC motor drives / starters

AGENCY APPROVALS
• UL
• cUL
• DIN EN 60747-5-5 (VDE 0884-5) available with option 1
• CSA
• FIMKO




Similar Part No. - IL4118_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL4118-X006 VISHAY-IL4118-X006 Datasheet
128Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
09-Jan-08
IL4118-X007 VISHAY-IL4118-X007 Datasheet
128Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
09-Jan-08
IL4118-X009 VISHAY-IL4118-X009 Datasheet
128Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
09-Jan-08
More results


Similar Description - IL4118_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
10-Jan-05
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Apr-04
IL4116 VISHAY-IL4116 Datasheet
128Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
09-Jan-08
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
07-May-08
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
29-Mar-11
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
17-Apr-18
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Oct-2018
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
18-Nov-2020
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
19-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com