Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M62430FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62430FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62430FP
Download  M62430FP Download
File Size   160.24 Kbytes
Page   17 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description DIGITAL SOUND CONTROLLER WITH SRSsurround

M62430FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62430FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62430FP
Download  M62430FP Click to download

File Size   160.24 Kbytes
Page   17 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description DIGITAL SOUND CONTROLLER WITH SRSsurround

M62430FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62430FP Product details

DESCRIPTION
The M62430FP is dual channel sound volume/quality.
The volume section is designed to the 2 channel either simultaneously or respectively in steps of 1dB. It incorporates the ladder resistance mechanism to reduce noise and distortion.
The tone control section is capable of controlling the tone within ±10dB in steps of 2dB.
The M62430FP is built in Sound Retrieval System.

FEATURES
• Electric volume (MAIN and REC Volume )
• Volume level........... 0dB ~ -79dB,- ¥dB (1dB / step)
• Tone control
• Bass / Mid / Treble , 0dB ~ ±10dB(2dB / step)
• Bass boost +10dB(ON / OFF)
• SRSSurround
• Space/Center volume ... 0dB ~ -¥dB
• 4 Output ports
• Built-in microcomputer interface circuit controlled by 16-bit serial data.

APPLICATION
   Home Audio equipment,Radio-Cassette tape recorder,TV




Similar Part No. - M62430FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62431 MITSUBISHI-M62431 Datasheet
92Kb / 7P
7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
M62431FP MITSUBISHI-M62431FP Datasheet
92Kb / 7P
7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
M62433FP MITSUBISHI-M62433FP Datasheet
224Kb / 21P
DIGITAL SOUND CONTROLLER
M62434 MITSUBISHI-M62434 Datasheet
65Kb / 13P
SOUND CONTROLLER FOR TV
M62434FP MITSUBISHI-M62434FP Datasheet
65Kb / 13P
SOUND CONTROLLER FOR TV
More results


Similar Description - M62430FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61504FP MITSUBISHI-M61504FP Datasheet
195Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
M615XXFP MITSUBISHI-M615XXFP Datasheet
383Kb / 16P
Digital controlled Sound Controller
M62428FP MITSUBISHI-M62428FP Datasheet
169Kb / 18P
DIGITAL SOUND CONTROLLER
M62433FP MITSUBISHI-M62433FP Datasheet
224Kb / 21P
DIGITAL SOUND CONTROLLER
M62445FP MITSUBISHI-M62445FP Datasheet
218Kb / 17P
DIGITAL SOUND CONTROLLER WITH DYNAMIC BASS BOOST
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
DIGITAL SOUND CONTROLLER
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
M62428FP RENESAS-M62428FP Datasheet
6Mb / 19P
DIGITAL SOUND CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com