Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3074266 Datasheet (PDF) - PHOENIX CONTACT

3074266 Datasheet PDF - PHOENIX CONTACT
Part # 3074266
Download  3074266 Download
File Size   173.05 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Knife disconnect terminal block - MTK-P/P GN

3074266 Datasheet (PDF)

Go To PDF Page Download Datasheet
3074266 Datasheet PDF - PHOENIX CONTACT

Part # 3074266
Download  3074266 Click to download

File Size   173.05 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Knife disconnect terminal block - MTK-P/P GN

3074266 Datasheet (HTML) - PHOENIX CONTACT


3074266 Product details

Knife disconnect terminal block, With test socket screws for insertion of test plugs, nom. voltage: 400 V,
nominal current: 16 A, connection method: Screw connection, cross section: 0.2 mm² - 4 mm², AWG: 24 - 12,
length: 46 mm, width: 5.2 mm, color: green, mounting: NS 35/7,5, NS 35/15, NS 32




Similar Part No. - 3074266

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3074260 PHOENIX-3074260 Datasheet
284Kb / 6P
FAME-TPC 81 - Test plug
3074261 PHOENIX-3074261 Datasheet
279Kb / 6P
FAME-TPC 91 - Test plug
3074262 PHOENIX-3074262 Datasheet
280Kb / 6P
FAME-TPC 101 - Test plug
3074263 PHOENIX-3074263 Datasheet
280Kb / 6P
FAME-TPC 111 - Test plug
3074264 PHOENIX-3074264 Datasheet
280Kb / 6P
FAME-TPC 121 - Test plug
More results


Similar Description - 3074266

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800486 PHOENIX-2800486 Datasheet
132Kb / 12P
Knife disconnect terminal block - UKK 5-MTK-P/P-DIO/U-OL
3004058 PHOENIX-3004058 Datasheet
145Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P BU
3029538 PHOENIX-3029538 Datasheet
141Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P OG
3048179 PHOENIX-3048179 Datasheet
144Kb / 13P
Knife disconnect terminal block - MTK-P/P AU
3048810 PHOENIX-3048810 Datasheet
70Kb / 4P
Knife disconnect terminal block - UDK 4-MTK-P/P RD
3104097 PHOENIX-3104097 Datasheet
145Kb / 13P
Knife disconnect terminal block - MTK-P/P BU
3104123 PHOENIX-3104123 Datasheet
136Kb / 12P
Knife disconnect terminal block - MTK-P/P MIT SPERRE BU
3004087 PHOENIX-3004087 Datasheet
167Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P MIT SPERRE
09/12/2020
3074279 PHOENIX-3074279 Datasheet
171Kb / 14P
Knife disconnect terminal block - MTK-P/P RD
09/12/2020
3104107 PHOENIX-3104107 Datasheet
166Kb / 13P
Knife disconnect terminal block - MTK-P/P MIT SPERRE
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com