Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3074279 Datasheet (PDF) - PHOENIX CONTACT

3074279 Datasheet PDF - PHOENIX CONTACT
Part # 3074279
Download  3074279 Download
File Size   171.16 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Knife disconnect terminal block - MTK-P/P RD

3074279 Datasheet (PDF)

Go To PDF Page Download Datasheet
3074279 Datasheet PDF - PHOENIX CONTACT

Part # 3074279
Download  3074279 Click to download

File Size   171.16 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Knife disconnect terminal block - MTK-P/P RD

3074279 Datasheet (HTML) - PHOENIX CONTACT


3074279 Product details

Knife disconnect terminal block, With test socket screws for insertion of test plugs, nom. voltage: 400 V,
nominal current: 16 A, connection method: Screw connection, cross section: 0.2 mm² - 4 mm², AWG: 24 - 12,
length: 46 mm, width: 5.2 mm, color: red, mounting: NS 35/7,5, NS 35/15, NS 32




Similar Part No. - 3074279

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3074240 PHOENIX-3074240 Datasheet
80Kb / 6P
Feed-through terminal block - UKKB 3 GN
3074255 PHOENIX-3074255 Datasheet
280Kb / 6P
FAME-TPC 31 - Test plug
3074256 PHOENIX-3074256 Datasheet
279Kb / 6P
FAME-TPC 41 - Test plug
3074257 PHOENIX-3074257 Datasheet
280Kb / 6P
FAME-TPC 51 - Test plug
3074258 PHOENIX-3074258 Datasheet
280Kb / 6P
FAME-TPC 61 - Test plug
More results


Similar Description - 3074279

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3004058 PHOENIX-3004058 Datasheet
145Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P BU
3029538 PHOENIX-3029538 Datasheet
141Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P OG
3046154 PHOENIX-3046154 Datasheet
55Kb / 4P
Knife disconnect terminal block - UT 4-MTL-P/P KNIFE-RD
3046155 PHOENIX-3046155 Datasheet
55Kb / 4P
Knife disconnect terminal block - UT 6-MTL-P/P KNIFE-RD
3048179 PHOENIX-3048179 Datasheet
144Kb / 13P
Knife disconnect terminal block - MTK-P/P AU
3048810 PHOENIX-3048810 Datasheet
70Kb / 4P
Knife disconnect terminal block - UDK 4-MTK-P/P RD
3104097 PHOENIX-3104097 Datasheet
145Kb / 13P
Knife disconnect terminal block - MTK-P/P BU
3104123 PHOENIX-3104123 Datasheet
136Kb / 12P
Knife disconnect terminal block - MTK-P/P MIT SPERRE BU
3074266 PHOENIX-3074266 Datasheet
173Kb / 14P
Knife disconnect terminal block - MTK-P/P GN
09/12/2020
3104107 PHOENIX-3104107 Datasheet
166Kb / 13P
Knife disconnect terminal block - MTK-P/P MIT SPERRE
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com