Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AZ4024-01H Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ4024-01H Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ4024-01H
Download  AZ4024-01H Download
File Size   2461.32 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ4024-01H Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ4024-01H Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ4024-01H
Download  AZ4024-01H Click to download

File Size   2461.32 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ4024-01H Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ4024-01H Product details

Features
 ESD Protect for 1 Line with Unidirectional.
 Provide ESD protection for each line to
IEC 61000-4-2 (ESD) ±25kV (air)
IEC 61000-4-2 (ESD) ±25kV (contact)
IEC 61000-4-4 (EFT) 70A (5/50ns)
IEC 61000-4-5 (Lightning) 5A (8/20ms)
 Suitable for, 24V and below, operating
voltage applications
 Ultra Small package saves board space
 Protect one I/O line or one power line
 Fast turn-on and Low clamping voltage
 Solid-state silicon-avalanche and active
circuit triggering technology
 Green part
Applications
 Battery Contacts
 Power Manager System
 PDA’s
 Portable Devices
 Digital Cameras
 Digital Frames
 Cellular Handsets and Accessories
 Notebooks, desktops, and servers
 Microprocessor-based equipment
 Peripherals
 LED bars
Description
AZ4024-01H is a design which includes a
unidirectional ESD rated clamping cell to
protect one power line, or one control line, or
one low speed data line in an electronic
systems. The AZ4024-01H has been
specifically designed to protect sensitive
components which are connected to power
and control lines from over-voltage damage
and latch-up caused by Electrostatic
Discharging (ESD), Electrical Fast
Transients (EFT), and Cable Discharge
Event (CDE).
AZ4024-01H is a unique design which
includes proprietary clamping cell in a single
package.
During transient conditions, the
proprietary clamping cell prevents
over-voltage on the power line or
control/data lines, protecting any
downstream components.
AZ4024-01H may be used to meet the
ESD immunity requirements of
IEC61000-4-2, Level 4 (±15kV air, ±8kV
contact discharge).




Similar Part No. - AZ4024-01H

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ4024-01F AMAZING-AZ4024-01F Datasheet
154Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/01/29
AZ4024-01F.R7GR AMAZING-AZ4024-01F.R7GR Datasheet
154Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/01/29
AZ4024-01G AMAZING-AZ4024-01G Datasheet
1Mb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2014/09/04
AZ4024-01G.R7G AMAZING-AZ4024-01G.R7G Datasheet
1Mb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2014/09/04
AZ4024-01L AMAZING-AZ4024-01L Datasheet
129Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2017/05/15
More results


Similar Description - AZ4024-01H

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2015-05R AMAZING-AZ2015-05R Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2016/08/22
AZ2025-04R AMAZING-AZ2025-04R Datasheet
186Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2025-04S AMAZING-AZ2025-04S Datasheet
201Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2225-01L AMAZING-AZ2225-01L Datasheet
213Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ4007-02S AMAZING-AZ4007-02S Datasheet
237Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/28
AZ4012-01H AMAZING-AZ4012-01H Datasheet
991Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2013/07/08
AZ4012-01L AMAZING-AZ4012-01L Datasheet
145Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/11/10
AZ9424-01F AMAZING-AZ9424-01F Datasheet
114Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/12/07
AZ9525-01H AMAZING-AZ9525-01H Datasheet
129Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/05/27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com