Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WPMDL110XXX1S Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

WPMDL110XXX1S Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # WPMDL110XXX1S
Download  WPMDL110XXX1S Download
File Size   572.85 Kbytes
Page   12 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description MagI3C Power Module FDSM ??Fixed Step Down Regulator Module 7 - 28V / 1A / 3.3 or 5V Output

WPMDL110XXX1S Datasheet (PDF)

Go To PDF Page Download Datasheet
WPMDL110XXX1S Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # WPMDL110XXX1S
Download  WPMDL110XXX1S Click to download

File Size   572.85 Kbytes
Page   12 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description MagI3C Power Module FDSM ??Fixed Step Down Regulator Module 7 - 28V / 1A / 3.3 or 5V Output

WPMDL110XXX1S Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


WPMDL110XXX1S Product details

DESCRIPTION
The FDSM series of the MagI3C Power Module family is a
fixed output voltage, fully integrated dc/dc power supply.
The module integrates the switching power stage, control
circuitry, inductor and capacitors all in one package.
The module requires no external components for
operation reducing design effort and complexity to a
minimum.
The FDSM ensures fast time to market and low
development costs.
It is pin compatible with the common 78xx linear regulator
series. The high efficiency reduces the power dissipation
and in many cases a heatsink and assembly parts are
unnecessary.
12V to 3.3V conversion achieves up to 87% efficiency.
12V to 5V conversion achieves up to 91% efficiency.
The standard THT package allows for easy assembly.
FEATURES
• Peak efficiency up to 93%
• Current capability up to 1A
• Input voltage range: 7 to 28V
• Output voltage: 3.3 or 5V
• Continuous output power: 3.3 or 5W
• Integrated capacitors and inductor
• Low output voltage ripple:
typ.15mV (3.3V) and 25mV (5Vout) at 1A load
• Output voltage accuracy: 3.5% typ.
• Fixed 300 kHz switching frequency
• Current mode control
• Pulse skipping for high efficiency at light loads
• Internal soft-start
• Thermal shutdown
• Short circuit protection
• Cycle by cycle current limit
• Output over-voltage protection
• -40°C to 85°C ambient operating temperature range
• RoHS & REACH compliant
• UL94V-0 package material
• EN55022 Class B compliant




Similar Part No. - WPMDL110XXX1S

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
WPMDL1100331S WURTH-WPMDL1100331S Datasheet
572Kb / 12P
Fixed Step Down Regulator Module
WPMDL1100331S WURTH-WPMDL1100331S Datasheet
572Kb / 12P
Fixed Step Down Regulator Module
WPMDL1100501S WURTH-WPMDL1100501S Datasheet
572Kb / 12P
Fixed Step Down Regulator Module
WPMDL1100501S WURTH-WPMDL1100501S Datasheet
572Kb / 12P
Fixed Step Down Regulator Module
WPMDL1101801JEV WURTH-WPMDL1101801JEV Datasheet
3Mb / 49P
MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
More results


Similar Description - WPMDL110XXX1S

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
178032401 WURTH-178032401 Datasheet
1Mb / 31P
MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
173010378 WURTH-173010378 Datasheet
572Kb / 12P
Fixed Step Down Regulator Module
173010578 WURTH-173010578 Datasheet
572Kb / 12P
Fixed Step Down Regulator Module
173950336 WURTH-173950336 Datasheet
2Mb / 36P
FDSM ??Fixed Step Down Regulator Module
1.0
173010335 WURTH-173010335 Datasheet
3Mb / 36P
Fixed Step Down Regulator Module
Rev. 1.0
171011801 WURTH-171011801 Datasheet
3Mb / 49P
MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
171031801 WURTH-171031801 Datasheet
3Mb / 49P
MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
17301XX35 WURTH-17301XX35 Datasheet
5Mb / 42P
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 1A / Fixed Output 3.3V, 5V, 12V or 15V
version 4.0
17395XX36 WURTH-17395XX36 Datasheet
5Mb / 42P
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 500mA / Fixed Output 3.3V, 5V, 12V or 15V
version 3.0
17395XX75 WURTH-17395XX75 Datasheet
3Mb / 38P
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 74.5V / 500mA / Fixed Output 3.3V, 5V or 12V
version 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com