Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS16L Datasheet (PDF) - AiT Semiconductor Inc.

BAS16L Datasheet PDF - AiT Semiconductor Inc.
Part # BAS16L
Download  BAS16L Download
File Size   581.06 Kbytes
Page   7 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SWITCHING DIODE REVERSE VOLTAGE 75V FORWARD CURRENT 200mA

BAS16L Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16L Datasheet PDF - AiT Semiconductor Inc.

Part # BAS16L
Download  BAS16L Click to download

File Size   581.06 Kbytes
Page   7 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SWITCHING DIODE REVERSE VOLTAGE 75V FORWARD CURRENT 200mA

BAS16L Datasheet (HTML) - AiT Semiconductor Inc.


BAS16L Product details

DESCRIPTION
The
BAS16L is available in S OT 23 Pa ckage

FEATURES
 Availabl e in S OT 23 P ackage




Similar Part No. - BAS16L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS16L PHILIPS-BAS16L Datasheet
50Kb / 8P
High-speed diode
2003 Jun 23
BAS16L NXP-BAS16L Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
BAS16L NXP-BAS16L Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
BAS16L NXP-BAS16L Datasheet
150Kb / 20P
High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
BAS16L NXP-BAS16L Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
More results


Similar Description - BAS16L

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
DB157 GXELECTRONICS-DB157 Datasheet
312Kb / 2P
REVERSE VOLTAGE FORWARD CURRENT
HER201 GXELECTRONICS-HER201 Datasheet
192Kb / 2P
Reverse Voltage Forward Current
logo
AiT Semiconductor Inc.
BAT54AL AITSEMI-BAT54AL Datasheet
635Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV2.0
BAT54H AITSEMI-BAT54H Datasheet
375Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.2
BAT54SDW AITSEMI-BAT54SDW Datasheet
439Kb / 5P
SCHOTTKY BARRIER DIODE ARRAY REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.0
MBR0530 AITSEMI-MBR0530 Datasheet
475Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 0.5A
REV1.0
MBR230LSF AITSEMI-MBR230LSF Datasheet
469Kb / 4P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
MMBD4148 AITSEMI-MMBD4148 Datasheet
432Kb / 4P
SWITCHING DIODE FORWARD VOLTAGE 1V CURRENT 200mA
REV1.0
RB521S-40 AITSEMI-RB521S-40 Datasheet
586Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 40V FORWARD CURRENT 200mA
REV1.0
RB751S-40 AITSEMI-RB751S-40 Datasheet
350Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 40V FORWARD CURRENT 30mA
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com