Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBD4148 Datasheet (PDF) - AiT Semiconductor Inc.

MMBD4148 Datasheet PDF - AiT Semiconductor Inc.
Part # MMBD4148
Download  MMBD4148 Download
File Size   432.51 Kbytes
Page   4 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SWITCHING DIODE FORWARD VOLTAGE 1V CURRENT 200mA

MMBD4148 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD4148 Datasheet PDF - AiT Semiconductor Inc.

Part # MMBD4148
Download  MMBD4148 Click to download

File Size   432.51 Kbytes
Page   4 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SWITCHING DIODE FORWARD VOLTAGE 1V CURRENT 200mA

MMBD4148 Datasheet (HTML) - AiT Semiconductor Inc.


MMBD4148 Product details

DESCRIPTION
The
MMBD4148/CA/CC/SE is available in S O T 23
p ackage

FEATURES
 Power dissipation
PD: 350mW(Tamb=25°C)
 Forward Current
IF: 200mA
 Reverse Voltage
VR:100V(IR=100μA)
 Operating and storage junction temperature range
TJ/TSTG: -55°C to +150°C
 Availab l e in S OT 23 p ackage




Similar Part No. - MMBD4148

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148 Datasheet
101Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
MMBD4148 TRSYS-MMBD4148 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
MMBD4148 WTE-MMBD4148 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Jinan Gude Electronic D...
MMBD4148 JGD-MMBD4148 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
MMBD4148 FAIRCHILD-MMBD4148 Datasheet
63Kb / 4P
Small Signal Diode
More results


Similar Description - MMBD4148

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BAS16HT1 SUNMATE-BAS16HT1 Datasheet
304Kb / 2P
200mA Surface Mount Switching Diode
BAS16HT1G SUNMATE-BAS16HT1G Datasheet
315Kb / 2P
200mA Surface Mount Switching Diode
logo
AiT Semiconductor Inc.
1N4148WS AITSEMI-1N4148WS Datasheet
386Kb / 5P
FAST SWITCHING DIODE FORWARD VOLTAGE 1.25V CURRENT 150mA RECOVERY 4ns
REV1.0
1SS355 AITSEMI-1SS355 Datasheet
427Kb / 5P
SWITCHING DIODES FORWARD VOLTAGE 1.2V CURRENT 150mA
REV1.0
1SS400CS AITSEMI-1SS400CS Datasheet
472Kb / 5P
SWITCHING DIODE FORWARD VOLTAGE 1.2V CURRENT 100mA, RECOVERY 4ns
REV1.0
BAS16L AITSEMI-BAS16L Datasheet
581Kb / 7P
SWITCHING DIODE REVERSE VOLTAGE 75V FORWARD CURRENT 200mA
REV1.2
BAT54AL AITSEMI-BAT54AL Datasheet
635Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV2.0
BAT54H AITSEMI-BAT54H Datasheet
375Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.2
BAT54SDW AITSEMI-BAT54SDW Datasheet
439Kb / 5P
SCHOTTKY BARRIER DIODE ARRAY REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.0
RB521S-40 AITSEMI-RB521S-40 Datasheet
586Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 40V FORWARD CURRENT 200mA
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com