Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCM300 Datasheet (PDF) - EnOcean GmbH.

TCM300 Datasheet PDF - EnOcean GmbH.
Part # TCM300
Download  TCM300 Download
File Size   237.58 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Transceiver Modules

TCM300 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCM300 Datasheet PDF - EnOcean GmbH.

Part # TCM300
Download  TCM300 Click to download

File Size   237.58 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Transceiver Modules

TCM300 Datasheet (HTML) - EnOcean GmbH.


TCM300 Product details

Features overview
Antenna
Pre-installed whip antenna (TCM 320/300U)
External whip or 50 Ω antenna mountable (TCM 300/300U)
Frequency and data rate
868.300 MHz / 125 kbps (TCM 300/320)1) 902.875 MHz / 125 kbps (TCM 300U/320U) 1)
Receiver Sensitivity (at 25°C)
typ. –96 dBm (868MHz)2)
typ. -98 dBm (902MHz)2)
Conducted Output Power @50  3 dBm(868MHz) 1 dBm (902MHz)
Power Supply
2.6 – 3.3 V (TCM 320 / TCM 320U)
2.6 – 4.5 V (TCM 300 / TCM 300U)
Current Consumption
Receive mode: typ. 33mA
Transmit mode: typ. 24mA
Dimensions of PCB
36.5 x 18 x 5.5 mm (TCM 320 / TCM 320U)
22 x 19 x 3 mm (TCM 300 / TCM 300U)
Operating temperature
–25 up to +85°C
Radio Regulations
TCM 300 (max. radiated power +1.4 dBm with whip): RED (EU)
TCM 320 (max. radiated power +3.0 dBm with whip): RED (EU)
TCM 300U/320U : FCC (US) / ISED (CA)




Similar Part No. - TCM300

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
TCM300 ENOCEAN-TCM300 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
TCM300U ENOCEAN-TCM300U Datasheet
237Kb / 1P
Transceiver Modules
May 2019
More results


Similar Description - TCM300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC220X ETC-RC220X Datasheet
372Kb / 17P
ZigBee Ready RF Transceiver Modules
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
Small Form-factor Pluggable (SFP) Transceiver Modules
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
ZMXM-400 CEL-ZMXM-400 Datasheet
1Mb / 13P
MATRIX TRANSCEIVER MODULES
ZALM-301-1 CEL-ZALM-301-1 Datasheet
1Mb / 19P
APEX LT SERIES TRANSCEIVER MODULES
logo
Murata Manufacturing Co...
WIT2410M4G MURATA-WIT2410M4G Datasheet
315Kb / 2P
FHSS Transceiver Modules
logo
Laird Tech Smart Techno...
450-0075 LSTD-450-0075 Datasheet
1Mb / 46P
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
EnOcean GmbH.
TCM310 ENOCEAN-TCM310 Datasheet
218Kb / 1P
Transceiver Gateway Modules
June 2019
TCM320 ENOCEAN-TCM320 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com