Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCM310 Datasheet (PDF) - EnOcean GmbH.

TCM310 Datasheet PDF - EnOcean GmbH.
Part # TCM310
Download  TCM310 Download
File Size   218.07 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Transceiver Gateway Modules

TCM310 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCM310 Datasheet PDF - EnOcean GmbH.

Part # TCM310
Download  TCM310 Click to download

File Size   218.07 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Transceiver Gateway Modules

TCM310 Datasheet (HTML) - EnOcean GmbH.


TCM310 Product details

Features overview
Antenna
External whip or 50Ω antenna mountable
Frequency
TCM 310: 868.300MHz
TCM 310U: 902.875MHz
Data rate
125 kbps
Modulation type
TCM 310: ASK 868 MHz1)
TCM 310U: FSK 902MHz1)
Receiver Sensitivity (at 25°C)2)
TCM 310: typ. –96 dBm (868MHz)
TCM 310U: typ. -98 dBm (902MHz)
Conducted Output Power
TCM 310: typ. 3 dBm (868MHz)
TCM 310U: typ. 1 dBm (902MHz)
Power Supply
2.6…4.5V
Serial Interface
UART (ESP3)
Current Consumption
Receive mode: 33 mA
Transmit mode: 24 mA
Dimensions of PCB
22x19x3 mm
Operating temperature
-25° to +85°C
Radio Regulations
TCM 310 (max. radiated power +1.4 dBm with whip): RED (EU)
TCM 310U: FCC (US) / ISED (CA)




Similar Part No. - TCM310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM3105 TI-TCM3105 Datasheet
342Kb / 11P
FSK MODEM
TCM3105DWE TI-TCM3105DWE Datasheet
342Kb / 11P
FSK MODEM
TCM3105DWL TI-TCM3105DWL Datasheet
342Kb / 11P
FSK MODEM
TCM3105DWL TI-TCM3105DWL Datasheet
246Kb / 12P
FSK MODEM
TCM3105JE TI-TCM3105JE Datasheet
342Kb / 11P
FSK MODEM
More results


Similar Description - TCM310

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
logo
California Eastern Labs
ZMXM-400 CEL-ZMXM-400 Datasheet
1Mb / 13P
MATRIX TRANSCEIVER MODULES
ZALM-301-1 CEL-ZALM-301-1 Datasheet
1Mb / 19P
APEX LT SERIES TRANSCEIVER MODULES
logo
Murata Manufacturing Co...
WIT2410M4G MURATA-WIT2410M4G Datasheet
315Kb / 2P
FHSS Transceiver Modules
logo
Semtech Corporation
SX1302 SEMTECH-SX1302 Datasheet
561Kb / 31P
LoRa Gateway Baseband Transceiver
logo
Festo Corporation.
8069773 FESTO-8069773 Datasheet
96Kb / 2P
Gateway
logo
PHOENIX CONTACT
1031235 PHOENIX-1031235 Datasheet
234Kb / 5P
IoT gateway - CLOUD IOT GATEWAY
logo
EnOcean GmbH.
TCM300 ENOCEAN-TCM300 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
TCM320 ENOCEAN-TCM320 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
TCM515 ENOCEAN-TCM515 Datasheet
125Kb / 1P
Wireless Transceiver Gateway
November 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com