Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCM515 Datasheet (PDF) - EnOcean GmbH.

TCM515 Datasheet PDF - EnOcean GmbH.
Part # TCM515
Download  TCM515 Download
File Size   125.86 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Wireless Transceiver Gateway

TCM515 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCM515 Datasheet PDF - EnOcean GmbH.

Part # TCM515
Download  TCM515 Click to download

File Size   125.86 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Wireless Transceiver Gateway

TCM515 Datasheet (HTML) - EnOcean GmbH.


TCM515 Product details

Features overview
Antenna
50 Ohm antenna (connected via host PCB)
Supported Radio Frequencies
868.3 MHz ASK
Data Rate
125 kbps
Receiver Sensitivity (typ, at 25°C)
(See Note 1)
-92 dBm
Maximum Input Power (typ, at 25°C)
(See Note 1)
-17 dBm (Product Revision DC)
-23 dBm (Product Revision DA, DB)
Receiver Blocking Performance
Class 2 according to EN 300 220-1
Radiated RF Immunity
3 V / m according to EN 301 489-3
Transmit Power (typ, at 25°C)
868.3 MHz ASK: +10 dBm
Supply Voltage
2.0V … 3.6V
Supply Current RX/TX Mode (at 2.0V)
25 mA
Supply Current Sleep Mode (at 2.0V)
0.05 mA
Serial Host Interface
UART according to ESP3 Standard (with TURBO option)
Module Dimensions
19.0 mm x 14.7 mm x 3.0 mm (all +- 0.3 mm)
Operating Temperature
-40°C ... +85°C




Similar Part No. - TCM515

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM50 TI-TCM50 Datasheet
334Kb / 6P
TONE ENCODER
TCM5087 TI-TCM5087 Datasheet
334Kb / 6P
TONE ENCODER
TCM5089 TI-TCM5089 Datasheet
331Kb / 6P
TONE ENCODER
TCM5092 TI-TCM5092 Datasheet
290Kb / 6P
TONE ENCOER
TCM5094 TI-TCM5094 Datasheet
254Kb / 5P
TONE ENCOER
More results


Similar Description - TCM515

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-6750W HARRIS-RF-6750W Datasheet
370Kb / 2P
wireless gateway
logo
Advantech Co., Ltd.
ADAM-2520Z ADVANTECH-ADAM-2520Z Datasheet
984Kb / 1P
Wireless Modbus RTU Gateway
logo
Cooper Bussmann, Inc.
105U-G-DE1-150-5W COOPER-105U-G-DE1-150-5W Datasheet
118Kb / 4P
105U-G Wireless Gateway
905U-G-DE1-900-1W COOPER-905U-G-DE1-900-1W Datasheet
223Kb / 3P
905U-G Wireless Gateway
logo
Advantech Co., Ltd.
WISE-3610 ADVANTECH-WISE-3610 Datasheet
549Kb / 2P
Wireless IoT LoRa Network Gateway
logo
M-System Co.,Ltd.
WL40EW2TH MSYSTEM-WL40EW2TH Datasheet
572Kb / 6P
Wireless I/O WL40TH Series WIRELESS GATEWAY
WL40EW2KR MSYSTEM-WL40EW2KR Datasheet
573Kb / 6P
Wireless I/O WL40KR Series WIRELESS GATEWAY
WL40EW2F MSYSTEM-WL40EW2F Datasheet
575Kb / 7P
Wireless I/O WL40F Series WIRELESS GATEWAY
logo
Advantech Co., Ltd.
ADAM-2520Z ADVANTECH-ADAM-2520Z_V01 Datasheet
330Kb / 1P
Wireless Modbus RTU Gateway
20-Sep-2016
logo
EnOcean GmbH.
TCM310 ENOCEAN-TCM310 Datasheet
218Kb / 1P
Transceiver Gateway Modules
June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com