Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UF800F Datasheet (PDF) - Pan Jit International Inc.

UF800F Datasheet PDF - Pan Jit International Inc.
Part # UF800F
Download  UF800F Download
File Size   74.47 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description ISOLATION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)

UF800F Datasheet (PDF)

Go To PDF Page Download Datasheet
UF800F Datasheet PDF - Pan Jit International Inc.

Part # UF800F
Download  UF800F Click to download

File Size   74.47 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description ISOLATION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)

UF800F Datasheet (HTML) - Pan Jit International Inc.


UF800F Product details

VOLTAGE 50 to 600 Volts CURRENT 8.0 Amperes



FEATURES

• Plastic package has Underwriters Laboratory

   Flammability Classification 94V-O utilizing

   Flame Retardant Epoxy Molding Compound.

• Exceeds environmental standards of MIL-S-19500/228

• Low power loss, high efficiency.

• Low forwrd voltge, high current capability

• High surge capacity.

• Ultra fast recovery times, high voltage.

• In compliance with EU RoHS 2002/95/EC directives



MECHANCAL DATA

• Case: ITO-220AC full molded plastic package

• Terminals: Lead solderable per MIL-STD-750, Method 2026

• Polarity: As marked.

• Standard packaging: Any

• Weight: 0.055 ounces, 1.5615 grams.




Similar Part No. - UF800F

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF800F WTE-UF800F Datasheet
47Kb / 3P
8.0A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF800F WTE-UF800F Datasheet
49Kb / 4P
8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF800F PANJIT-UF800F Datasheet
430Kb / 2P
ISOLATION ULTRAFAST RECOCVEY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF800F CHENG-YI-UF800F Datasheet
171Kb / 2P
ISOLATION ULTRAFAST SWITCHING RECTIFIERS
logo
Pan Jit International I...
UF800F PANJIT-UF800F Datasheet
105Kb / 2P
ULTRAFAST RECOCVEY RECTIFIERS
More results


Similar Description - UF800F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1000F PANJIT-UF1000F Datasheet
59Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF150G PANJIT-UF150G Datasheet
56Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
UF1600FCT PANJIT-UF1600FCT Datasheet
56Kb / 2P
ISOLATION ULTRAFST SWITCHING RECTIFIER(VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes)
UF300G PANJIT-UF300G Datasheet
68Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
UF600 PANJIT-UF600 Datasheet
68Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
UF600G PANJIT-UF600G Datasheet
68Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
logo
WILLAS ELECTRONIC CORP
FR801 WILLAS-FR801 Datasheet
238Kb / 2P
VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes
logo
Yea Shin Technology Co....
UF1000 YEASHIN-UF1000 Datasheet
75Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
UF1600CT YEASHIN-UF1600CT Datasheet
41Kb / 2P
ISOLATION ULTRAFAST RECOVERY RECTIFIERS 50 to 800 Volts 16 Amperes CURRENT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com